Electronic Components Datasheet Search
  English  ▼

X  

MSP430L092 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430L092
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430L092 Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430L092 Datasheet HTML 15Page - Texas Instruments MSP430L092 Datasheet HTML 16Page - Texas Instruments MSP430L092 Datasheet HTML 17Page - Texas Instruments MSP430L092 Datasheet HTML 18Page - Texas Instruments MSP430L092 Datasheet HTML 19Page - Texas Instruments MSP430L092 Datasheet HTML 20Page - Texas Instruments MSP430L092 Datasheet HTML 21Page - Texas Instruments MSP430L092 Datasheet HTML 22Page - Texas Instruments MSP430L092 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
MSP430L092
MSP430C09x
www.ti.com
SLAS673 – SEPTEMBER 2010
Table 11. Peripherals (continued)
BASE
MODULE NAME
REGISTER DESCRIPTION
REGISTER
OFFSET
ADDRESS
Port P2 interrupt Flag
P2IFG
1Dh
Port P2 interrupt enable
P2IE
1Bh
Port P2 interrupt edge select
P2IES
19h
Port P2 interrupt vector word
P2IV
1Eh
Port P2 selection 1
P2SEL1
0Dh
Port P2
0200h
Port P2 selection 0
P2SEL0
0Bh
Port P2 pullup/pulldown enable
P2REN
07h
Port P2 direction
P2DIR
05h
Port P2 output
P2OUT
03h
Port P2 input
P2IN
01h
Port P1 interrupt Flag
P1IFG
1Ch
Port P1 interrupt enable
P1IE
1Ah
Port P1 interrupt edge select
P1IES
18h
Port P1 interrupt vector word
P1IV
0Eh
Port P1 selection 1
P1SEL1
0Ch
Port P1
0200h
Port P1 selection 0
P1SEL0
0Ah
Port P1 pullup/pulldown enable
P1REN
06h
Port P1 direction
P1DIR
04h
Port P1 output
P1OUT
02h
Port P1 input
P1IN
00h
Analog pool interrupt vector register
APIV
1Eh
Analog pool interrupt enable register
APIE
1Ch
Analog pool interrupt flag register
APIFG
1Ah
Analog pool fractional value buffer
APFRACTB
16h
Analog pool fractional value register
APFRACT
14h
A-POOL
Analog pool integer value buffer
APINTB
01A0h
12h
Analog pool integer value register
APINT
10h
Analog pool voltage divider register
APVDIV
06h
Analog pool operation mode register
APOMR
04h
Analog pool control register
APCTL
02h
Analog pool configuration register
APCNF
00h
Reset vector generator
SYSRSTIV
1Eh
System NMI vector generator
SYSSNIV
1Ch
User NMI vector generator
SYSUNIV
1Ah
Bus error vector generator
SYSBERRIV
18h
System Configuration register
SYSCNF
10h
CSYS
JTAG mailbox output register #1
SYSJMBO1
0180h
0Eh
JTAG mailbox output register #0
SYSJMBO0
0Ch
JTAG mailbox input register #1
SYSJMBI1
0Ah
JTAG mailbox input register #0
SYSJMBI0
08h
JTAG mailbox control register
SYSJMBC
06h
System control register
SYSCTL
00h
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com