Electronic Components Datasheet Search
  English  ▼

X  

MSP430L092SPWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430L092SPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430L092SPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430L092SPWR Datasheet HTML 35Page - Texas Instruments MSP430L092SPWR Datasheet HTML 36Page - Texas Instruments MSP430L092SPWR Datasheet HTML 37Page - Texas Instruments MSP430L092SPWR Datasheet HTML 38Page - Texas Instruments MSP430L092SPWR Datasheet HTML 39Page - Texas Instruments MSP430L092SPWR Datasheet HTML 40Page - Texas Instruments MSP430L092SPWR Datasheet HTML 41Page - Texas Instruments MSP430L092SPWR Datasheet HTML 42Page - Texas Instruments MSP430L092SPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
MSP430L092
MSP430C09x
www.ti.com
SLAS673 – SEPTEMBER 2010
Table 16. Port P2 (P2.0 to P2.2) Pin Functions
CONTROL BITS/SIGNALS(1)
PIN NAME (P2.x)
x
FUNCTION
P2DIR.x
P2SEL1.x
P2SEL0.x
JTAG Mode
P2.0 (I/O)
I:0, O:1
0
0
0
Timer_A0.2
1
0
1
0
Timer_A1.2
1
1
0
0
TCK/P2.0/TA0.2/
0
TA1.2/TA1.1
Timer_A1.1
1
1
1
0
Timer_A0.CCI2A and Timer_A1.CCI2A
0
≠0
≠0
0
JTAG-TCK(2)(3)(4)
X
X
X
1
P2.1 (I/O)
I:0, O:1
0
0
0
Timer_A0.2
1
0
1
0
Timer_A1.2
1
1
0
0
TMS/P2.1/TA0.2/
1
TA1.2/TA0.1
Timer_A0.1
1
1
1
0
Timer_A0.CCI2B and Timer_A1.CCI2B
0
≠0
≠0
0
JTAG-TMS(2)(3)(4)
X
X
X
1
P2.2 (I/O)
I:0, O:1
0
0
0
Timer_A0.2
1
0
1
0
Timer_A1.2
1
1
0
0
TDI/P2.2/TA0.2/TA1.2/
2
CxOUT/CCI0.0
CxOUT
1
1
1
0
Timer_A0.CCI0A
0
≠0
≠0
0
JTAG-TDI(2)(3)(4)
X
X
X
1
(1)
X = Don't care
(2)
JTAG signals TMS,TCK and TDI read as "1" when nor configured as explicit JTAG terminals
(3)
JTAG overrides digital output control when configured as explicit JTAG terminals
(4)
JTAG function with enabled pullup resistors is default after power up
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com