Electronic Components Datasheet Search
  English  ▼

X  

MSP430L092SPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430L092SPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430L092SPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430L092SPWR Datasheet HTML 17Page - Texas Instruments MSP430L092SPWR Datasheet HTML 18Page - Texas Instruments MSP430L092SPWR Datasheet HTML 19Page - Texas Instruments MSP430L092SPWR Datasheet HTML 20Page - Texas Instruments MSP430L092SPWR Datasheet HTML 21Page - Texas Instruments MSP430L092SPWR Datasheet HTML 22Page - Texas Instruments MSP430L092SPWR Datasheet HTML 23Page - Texas Instruments MSP430L092SPWR Datasheet HTML 24Page - Texas Instruments MSP430L092SPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
MSP430L092
MSP430C09x
www.ti.com
SLAS673 – SEPTEMBER 2010
Absolute Maximum Ratings
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
Voltage applied at VCC referenced to VSS (VAMR)
–0.3 V to 1.90 V
–0.3 V to VCC + 0.3 V
Voltage applied to any pin (references to VSS)
–0.3 V to 1.90 V
Diode current at any device pin(2)
±2.5 mA
Current derating factor when I/O ports are switched in parallel electrically and logically(3)
0.9
Storage temperature range(4)
–55°C to 150°C
ESD tolerance, Human-Body Model (HBM)
2000 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS.
(3)
The diode current increases to ±4.5 mA when two pins are connected, ± 6.75 mA for three pins.
(4)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
Recommended Operating Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage during program execution
0.9
1.65
V
VSS
Supply voltage (GND reference)
0
V
TA
Operating free-air temperature
0
50
°C
CVCC
Capacitor on VCC
470
nF
VCC > 0.9 V, tLOW ≥ 450 ns, tHIGH ≥ 450 ns
1
MHz
fSYSTEM
(1) (
System operating frequency
2)
VCC > 1.5 V, tLOW ≥ 113 ns, tHIGH ≥ 113 ns
4
MHz
(1)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse width of the
specified maximum frequency.
(2)
Modules may have a different maximum input clock specification. Refer to the specification of the respective module in this data sheet.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com