Electronic Components Datasheet Search
  English  ▼

X  

C1700SS Datasheet(PDF) 1 Page - 3M Electronics

Part # C1700SS
Description  3M MicroTouch Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

C1700SS Datasheet(HTML) 1 Page - 3M Electronics

  C1700SS Datasheet HTML 1Page - 3M Electronics C1700SS Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Clear Choice for Optics, Reliability, and Ease of Integration
3M™ MicroTouch™ Display C1700SS
The 3M MicroTouch Display C1700SS (17”), a robust metal chassis
display using 3M's industry-standard surface capacitive touch tech-
nology, provides a durable, optically-enhanced, and cost competi-
tive alternative to 5-wire resistive displays used in industrial automa-
tion equipment and kiosk enclosures. The C1700SS display offers
multiple mounting options to make integration easy and a variety of
bezel options for sealing against liquids and other contaminants.
The Clear Choice
The C1700SS display utilizes an all-glass surface capacitive touch sensor
with the proprietary 3MTM ClearTekTM Hard Coat to deliver superior durability,
91.5% light transmission, 225-nit brightness (with touch sensor), 500:1
contrast ratio and an ultra-fast 5.4 millisecond touch contact time.
Multiple Mounting and Bezel Options
Multiple mounting and bezel options enable customers to meet their
application needs at minimal cost. The C1700SS display offers a 75mm
VESA pattern to provide arm mounting capability for industrial automation
equipment. This minimizes the capital expenditure needed to upgrade
equipment with touch. L-brackets are included for installations requiring
the touch display to be fully enclosed.
The C1700SS display offers two bezel options. The Slimline bezel
(optional) is flush with the edges of the display and is ideal for arm-
mounted applications and is ideal for solutions that require a NEMA 1
seal rating. The Industrial Flanged bezel (optional), a metal-gasketed
bezel, enables kiosks or others enclosures to support NEMA 4X / IP66
seal ratings.
Cost Effective
The C1700SS display uses an all-glass touch sensor with no moving
parts, whereas 5-wire resistive solutions rely on compressing the top
film layer against a conductive coating to recognize touch. Since force is
Feature
All-Glass, One-Layer
Solution
3M ClearTek Hard Coat
Total Touch Solution
Benefit
• Provides 91.5% light transmission as compared to 80% for certain 5-wire resistive solutions
• Unaffected by UV light that can cause degradation of optics and yellowing of film-based touch sensors over time
• No moving parts improves reliability
• Inherently free from the appearance of “Newton Rings”
• Proprietary coating is uniformly heat infused into the glass creating a non-permeable barrier for increased
scratch and chemical resistance
• Low surface energy coating promotes smooth finger drag
• Unaffected by surface contaminants
• Unlike other touch display manufacturers that utilize 3rd party touch sensors, electronics, and or software in their
design, 3M owns, understands, and warranties the entire system for an unlimited amount of touches for 3 years
Recommended Applications
• Industrial Automation
• Security Systems
• Self Service
• Point-of-Information (POI)
• Hospitality
• Home Automation
required to activate a resistive touch sensor it is susceptible to mechanical
wear and the appearance of “Newton Rings” which can potentially reduce
product life and optical performance.
The C1700SS touch display operates reliably in the presence of on-screen
contaminants and carries a 3-year “unlimited touches” warranty.


Similar Part No. - C1700SS

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1700 GENERAL-C1700 Datasheet
60Kb / 1P
COMMAND SERIES
logo
List of Unclassifed Man...
C1700HO ETC2-C1700HO Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
C1700RO ETC2-C1700RO Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
More results

Similar Description - C1700SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RYC8220-3M ETC-RYC8220-3M Datasheet
149Kb / 2P
RYC8220-3M
logo
3M Electronics
9691020000DA 3M-9691020000DA Datasheet
378Kb / 5P
3M™ Shunt
16-Feb-2009
C2234SW 3M-C2234SW Datasheet
205Kb / 2P
3M ™ MicroTouch ™ Display
MP180 3M-MP180 Datasheet
764Kb / 1P
3M™ PocketProjector
24736 3M-24736 Datasheet
110Kb / 2P
MicroTouch ClearTek II
441549 3M-441549 Datasheet
1Mb / 4P
3M™ Accessories
02-Feb-2009
9969 3M-9969 Datasheet
344Kb / 2P
3M Transfer Adhesive Tape featuring 3M PCAT
Sep-2017
30NF 3M-30NF Datasheet
524Kb / 9P
3M FastbondTM
Jan-2017
AB7000HF 3M-AB7000HF Datasheet
68Kb / 2P
3M??AB7000HF
2009
69-502 3M-69-502 Datasheet
131Kb / 2P
MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com