Electronic Components Datasheet Search
  English  ▼

X  

C1700SS Datasheet(PDF) 2 Page - 3M Electronics

Part # C1700SS
Description  3M MicroTouch Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

C1700SS Datasheet(HTML) 2 Page - 3M Electronics

  C1700SS Datasheet HTML 1Page - 3M Electronics C1700SS Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ MicroTouch™ Display C1700SS Specifications
Functional Features
LCD Technology
TFT, Active Matrix
Display Colors
16.2 million
Pixel Pitch
.264mm
Brightness
250 cd/m2 (nit) typical
without touch sensor
Brightness
225 cd/m2 (nit) typical
with touch sensor (max.)1
Contrast Ratio
1000:1 typical
Video Response Time
5 ms typical
Touch Response Time
5.4 ms typical
Viewing Angle2
Horizontal: +/-80 degrees typical
Vertical: +/-80 degrees typical
Control Type
OSD
On Screen Display Controls Standard rear mounted controls.
Maximum Resolution
1280 x 1024
Operating Environment
0 to +40 degrees C
Relative Humidity, non-condensing 90%
Storage Environment
-25 to +60 degrees C
Physical Features
Physical Dimensions
405.7 x 335.1 x 49 mm
(Enclosure) (WxHxD)
15.98 x 13.18 x 1.93 inches
Display Area (WxH)
337.9 x 270.3 mm
13.3 x 10.6 inches
Video Cable Connector
15 Pin D-Sub
Power Supply Internal
12V DC Power Supply
Power Savings
DPMS, VESA Compliant
Power Consumption
30 watts normal operation
Backlight Life
50,000 hrs. typical
Weight
4.6kg/10.1 lbs
RoHS Compliant
Yes
Agency Approvals
FCC B, CE, UL/cUL
Mounting Options
Set of 2, side or top/bottom mounting
brackets, VESA 75 mm
Warranty
3 years of unlimited touches
(1) Brightness measured on a display with 3M™ MicroTouch™ Sensor SCT3250 surface capacitive sensor.
(2) Measured at a contrast ratio of 10.
NOTE: Mechanical Drawings available at www.3m.com/touch
3M Touch Systems
Subsidiary of 3M Company
501 Griffin Brook Park Drive
Methuen, MA 01844
U.S.A.
1-888-659-1080
www.3M.com/touch
RoHS Directive compliant: In accordance with European Directive 2002/95/EC, “RoHS Directive compliant” means that the product or part does not contain any of the following substances in excess
of the following maximum concentration values in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this information represents 3M’s knowledge and
belief based on information provided by third party suppliers to 3M. (9/06)
IMPORTANT NOTICE TO PURCHASER: Specifications are subject to change without notice. These 3M Touch Systems’ Products and software are warranted to meet their published specifications
from the date of shipment and for the period stated in the specification. 3M Touch Systems makes no additional warranties, express or implied, including but not limited to any implied warranties of
merchantability or fitness for a particular purpose. User is responsible for determining whether the 3M Touch Systems Products and software are fit for User’s particular purpose and suitable for its
method of production, including intellectual property liability for User’s application. If the Product, software or software media is proven not to have met 3M Touch Systems’ warranty, then 3M Touch
Systems’ sole obligation and User’s and Purchaser’s exclusive remedy, will be, at 3M Touch Systems’ option, to repair or replace that Product quantity or software mediator to refund its purchase
price. 3M Touch Systems has no obligation under 3M Touch Systems’ warranty for any Product, software or software media that has been modified or damaged through misuse, accident, neglect,
or subsequent manufacturing operations or assemblies by anyone other than 3M Touch Systems. 3M Touch Systems shall not be liable in any action against it in any way related to the Products or
software for any loss or damages, whether non-specified direct, indirect, special, incidental or consequential (including downtime, loss of profits or goodwill) regardless of the legal theory asserted. (7/02)
3M, MicroTouch, and ClearTek are trademarks of 3M Company.
Printed in USA
© 3M 2010
C1700SS -0410
Standard Part Numbers
Part Number
Description
11-4945-227-00
Serial (no bezel)
11-4945-225-00
USB (no bezel)
With optional Slimline Bezel
(Part Number: 2709122)
Optional Industrial Flange Bezel
(Part Number: 5021104)
Mounting L-brackets (standard)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com