| Electronic Components Datasheet Search |
|
TMS320F240 Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F240 Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 105 page ![]() TMS320F240 DSP CONTROLLER SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002 65 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 CLOCK OPTIONS clock options PARAMETER CLKMD[1:0] Clock-in mode, divide-by-2 00 Clock-in mode, divide-by-1 01 PLL enabled, divide-by-2 before PLL lock 10 PLL enabled, divide-by-1 before PLL lock 11 timings with the PLL circuit disabled PARAMETER TEST CONDITIONS MIN MAX UNIT fx Input clock frequency, divide-by-2 mode TA = –40°C to 125°C 0† 40 MHz fx Input clock frequency, divide-by-1 mode TA = –40°C to 125°C 0† 20 MHz † This device utilizes a fully static design and, therefore, can operate with input clock cycle time [tc(CI)] approaching infinity. The device is characterized at frequencies approaching 0 Hz. switching characteristics over recommended operating conditions [H = 0.5 tc(CO)] (see Note 1 and Figure 21) PARAMETER CLOCK MODE MIN TYP MAX UNIT t C cle time CPUCLK CLKIN divide by 2 2tc(Cl) † ns tc(CPU) Cycle time, CPUCLK CLKIN divide by 1 tc(Cl) ns t C cle time SYSCLK CPUCLK divide by 2 2tc(CPU) † ns tc(SYS) Cycle time, SYSCLK CPUCLK divide by 4‡ 4tc(CPU) ns t C cle time CLKOUT CLKIN divide by 2 2tc(Cl) † ns tc(CO) Cycle time, CLKOUT CLKIN divide by 1 tc(Cl) † ns td(CIH-CO) Delay time, XTAL1/CLKIN high to CLKOUT high/low 3 18 32 ns tf(CO) Fall time, CLKOUT 5 ns tr(CO) Rise time, CLKOUT 5 ns tw(COL) Pulse duration, CLKOUT low H–10 H–6 H–1 ns tw(COH) Pulse duration, CLKOUT high H+0 H+4 H+8 ns † This device utilizes a fully static design and, therefore, can operate with input clock cycle time [tc(CI)] approaching infinity. The device is characterized at frequencies approaching 0 Hz. ‡ SYSCLK is initialized to divide-by-4 mode by any device reset. NOTE 1: Timings assume CLKOUT is set to output CPUCLK. CLKOUT is initialized to CPUCLK by power-on reset. timing requirements over recommended operating conditions (see Figure 21) CLOCK-IN MODE MIN MAX UNIT t C cle time XTAL1/CLKIN Divide by 2 25 † ns tc(Cl) Cycle time, XTAL1/CLKIN Divide by 1 50 † ns tf(Cl) Fall time, XTAL1/CLKIN 5 ns tr(Cl) Rise time, XTAL1/CLKIN 5 ns tw(CIL) Pulse duration, XTAL1/CLKIN low as a percentage of tc(Cl) 45 55 % tw(CIH) Pulse duration, XTAL1/CLKIN high as a percentage of tc(Cl) 45 55 % † This device utilizes a fully static design and, therefore, can operate with input clock cycle time [tc(CI)] approaching infinity. The device is characterized at frequencies approaching 0 Hz. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |