Electronic Components Datasheet Search
  English  ▼

X  

TMS320F240 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320F240
Description  DSP CONTROLLER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320F240 Datasheet HTML 9Page - Texas Instruments TMS320F240 Datasheet HTML 10Page - Texas Instruments TMS320F240 Datasheet HTML 11Page - Texas Instruments TMS320F240 Datasheet HTML 12Page - Texas Instruments TMS320F240 Datasheet HTML 13Page - Texas Instruments TMS320F240 Datasheet HTML 14Page - Texas Instruments TMS320F240 Datasheet HTML 15Page - Texas Instruments TMS320F240 Datasheet HTML 16Page - Texas Instruments TMS320F240 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
TMS320F240
DSP CONTROLLER
SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device memory map (continued)
0000
Interrupts
(External)
003F
0040
External
FDFF
0000
Interrupts
(On-Chip)
003F
0040
0000
005F
0060
01FF
FE00
FFFF
02FF
0300
FEFF
FF00
0200
03FF
0400
07FF
Reserved
7000
Peripheral Memory-
Mapped Registers
(System, WD,
ADC, SPI, SCI,
Interrupts, I/O)
73FF
7400
743F
7440
77FF
0000
External
FF0E
FEFF
FF00
Reserved
Reserved
4000
External
3FFF
FDFF
FE00
FFFF
FEFF
FF00
Reserved
I/O
Hex
†ROM/Flash memory includes
address range 0000h–003Fh
Hex
Data
Hex
007F
0080
Reserved
Hex
8000
External
FFFF
7800
7FFF
FF0F
On-Chip DARAM B0
(CNF = 1)
or
External (CNF = 0)
On-Chip ROM†
(Flash EEPROM)
(8 x 2K Segments)
MP/MC = 1
Microprocessor
Mode
MP/MC = 0
Microcomputer
Mode
Program
Program
Wait-state Generator
Control Register
Memory-Mapped
Registers and
Reserved
On-Chip
DARAM B2
On-Chip DARAM B0
(CNF = 0)
or
Reserved (CNF = 1)
On-Chip
DARAM B1
0800
6FFF
Illegal
Peripheral
Memory-Mapped
Registers
(Event Manager)
On-Chip DARAM B0
(CNF = 1)
or
External (CNF = 0)
Reserved
Illegal
Flash Control
Mode Register
Reserved
FF10
FFFF
FFFE
Figure 1. TMS320F240 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com