Electronic Components Datasheet Search
  English  ▼

X  

SID9575 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SID9575
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SID9575 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SID9575 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SID9575 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SID9575 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SID9575 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SID9575
-15A , -60V , RDS(ON) 90 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
12-May-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
H
G E
F
K
B
J
P
M
RoHS Compliant Product
A suffix of “-C” specifies halogen-free
DESCRIPTION
The SID9575 provide the designer with the best
combination of fast switching, ruggedized device
design, low on-resistance and cost-effectiveness.
FEATURES
Simple Drive Requirement
Lower On-resistance
Fast Switching Characteristic
APPLICATION
The through-hole version (TO-251) is available for
low-profile applications and suited for low voltage
applications such as DC / DC converters.
MARKING:
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current
VGS=10V, TC=25°C
ID
-15
A
VGS=10V, TC=100°C
-9.5
A
Pulsed Drain Current
1
IDM
-45
A
Total Power Dissipation @ TC = 25°C
PD
36
W
Thermal Resistance Junction-case
RθJC
3.5
°C / W
Thermal Resistance Junction-ambient
RθJA
110
°C / W
Linear Derating Factor
0.29
W / °C
Operating Junction & Storage temperature
TJ, TSTG
-55~150
°C
TO-251
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.40
6.80
G
5.40
5.80
B
5.20
5.50
H
0.90
1.50
C
2.20
2.40
J
2.30
D
0.45
0.55
K
0.60
0.90
E
6.80
7.20
M
0.50
0.70
F
7.20
7.80
P
0.45
0.60
1
Gate
3
Source
2
Drain
9575
Date code


Similar Part No. - SID9575

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID9575 SECOS-SID9575 Datasheet
825Kb / 4P
P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SID9575 VBSEMI-SID9575 Datasheet
938Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SID9575 SECOS-SID9575_15 Datasheet
1Mb / 4P
P-Channel Enhancement Elektronische Bauelemente Mode Power MOSFET
More results

Similar Description - SID9575

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com