Electronic Components Datasheet Search
  English  ▼

X  

SID9575 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SID9575
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SID9575 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SID9575 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SID9575 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SID9575 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SID9575 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SID9575
-15A , -60V , RDS(ON) 90 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
12-May-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-60
-
-
V
VGS=0, ID = -250µA
Breakdown
Voltage
Temperature
Coefficient
∆BVDSS / ∆TJ
-
-0.06
-
V / °C
Reference to 25°C, I D = -1mA
Gate Threshold Voltage
VGS(th)
-1
-
-3
V
VDS=VGS, ID= -250 µA
Forward Trans-conductance
gfs
-
14
-
S
VDS = -10V, ID = -9A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±25V
Drain-Source
Leakage
Current
TJ=25℃
IDSS
-
-
-1
uA
VDS= -60 V, VGS=0
TJ=150℃
-
-
-25
VDS= -48 V, VGS=0
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
90
m
VGS= -10 V, ID= -12A
-
-
120
VGS= -4.5 V, ID= -9 A
Total Gate Charge
2
Qg
-
17
27
nC
ID= -9 A
VDS= -48 V
VGS= -4.5 V
Gate-Source Charge
Qgs
-
5
-
Gate-Drain (“Miller”) Charge
Qgd
-
6
-
Turn-on Delay Time
2
Td(on)
-
10
-
nS
VDS= -30 V
ID= -9 A
VGS= -10 V
RG=3.3 Ω
RD=3.3 Ω
Rise Time
Tr
-
19
-
Turn-off Delay Time
Td(off)
-
46
-
Fall Time
Tf
-
53
-
Input Capacitance
Ciss
-
1660
2660
pF
VGS=0
VDS= -25V
f =1 MHz
Output Capacitance
Coss
-
160
-
Reverse Transfer Capacitance
Crss
-
100
-
Source-Drain Diode
Forward On Voltage
2
VSD
-
-
-1.2
V
IS= -9A, VGS=0
Reverse Recovery Time
2
Trr
-
56
-
nS
IS= -9 A, VGS=0
dl/dt=100A / µs
Reverse Recovery Charge
Qrr
-
159
-
nC
Notes:
1.
Pulse width limited by safe operating area.
2.
Pulse width≦300us, duty cycle≦2%
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com