Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28030 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28030
Description  Piccolo Microcontrollers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28030 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320F28030 Datasheet HTML 77Page - Texas Instruments TMS320F28030 Datasheet HTML 78Page - Texas Instruments TMS320F28030 Datasheet HTML 79Page - Texas Instruments TMS320F28030 Datasheet HTML 80Page - Texas Instruments TMS320F28030 Datasheet HTML 81Page - Texas Instruments TMS320F28030 Datasheet HTML 82Page - Texas Instruments TMS320F28030 Datasheet HTML 83Page - Texas Instruments TMS320F28030 Datasheet HTML 84Page - Texas Instruments TMS320F28030 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 157 page
background image
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
www.ti.com
SPRS584E
– APRIL 2009 – REVISED MARCH 2011
Table 4-14. ePWM5
–ePWM7 Control and Status Registers (continued)
SIZE (x16) /
NAME
ePWM5
ePWM6
ePWM7
DESCRIPTION
#SHADOW
DCBCTL
0x6932
0x6972
0x69B2
1 / 0
Digital Compare B Control Register(2)
DCFCTL
0x6933
0x6973
0x69B3
1 / 0
Digital Compare Filter Control Register(2)
DCCAPCT
0x6934
0x6974
0x69B4
1 / 0
Digital Compare Capture Control Register(2)
DCFOFFSET
0x6935
0x6975
0x69B5
1 / 1
Digital Compare Filter Offset Register
DCFOFFSETCNT
0x6936
0x6976
0x69B6
1 / 0
Digital Compare Filter Offset Counter Register
DCFWINDOW
0x6937
0x6977
0x69B7
1 / 0
Digital Compare Filter Window Register
DCFWINDOWCNT
0x6938
0x6978
0x69B8
1 / 0
Digital Compare Filter Window Counter Register
DCCAP
0x6939
0x6979
0x69B9
1 / 1
Digital Compare Counter Capture Register
Copyright
© 2009–2011, Texas Instruments Incorporated
Peripherals
81
Submit Documentation Feedback
focus.ti.com: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034 TMS320F28035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com