Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28030 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28030
Description  Piccolo Microcontrollers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28030 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320F28030 Datasheet HTML 9Page - Texas Instruments TMS320F28030 Datasheet HTML 10Page - Texas Instruments TMS320F28030 Datasheet HTML 11Page - Texas Instruments TMS320F28030 Datasheet HTML 12Page - Texas Instruments TMS320F28030 Datasheet HTML 13Page - Texas Instruments TMS320F28030 Datasheet HTML 14Page - Texas Instruments TMS320F28030 Datasheet HTML 15Page - Texas Instruments TMS320F28030 Datasheet HTML 16Page - Texas Instruments TMS320F28030 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
www.ti.com
SPRS584E
– APRIL 2009 – REVISED MARCH 2011
Table 2-2. Terminal Functions(1) (continued)
TERMINAL
I/O/Z
DESCRIPTION
PN
PAG
RSH
NAME
PIN #
PIN #
PIN #
ADCINA1
17
14
12
I
ADC Group A, Channel 1 input
ADC Group A, Channel 0 input.
NOTE: VREFHI and ADCINA0 share the same pin on the 64-pin PAG device and
ADCINA0
18
15
13
I
their use is mutually exclusive to one another.
NOTE: VREFHI and ADCINA0 share the same pin on the 56-pin RSH device and
their use is mutually exclusive to one another.
ADC External Reference
– only used when in ADC external reference mode. See
Section 4.2.1, ADC.
NOTE: VREFHI and ADCINA0 share the same pin on the 64-pin PAG device and
VREFHI
19
15
13
I
their use is mutually exclusive to one another.
NOTE: VREFHI and ADCINA0 share the same pin on the 56-pin RSH device and
their use is mutually exclusive to one another.
ADCINB7
30
24
21
I
ADC Group B, Channel 7 input
ADCINB6
29
23
20
I
ADC Group B, Channel 6 input
COMP3B
I
Comparator Input 3B
AIO14
I/O
Digital AIO 14
ADCINB5
28
–
–
I
ADC Group B, Channel 5 input
ADCINB4
27
22
19
I
ADC Group B, Channel 4 input
COMP2B
I
Comparator Input 2B
AIO12
I/O
Digital AIO12
ADCINB3
26
21
18
I
ADC Group B, Channel 3 input
ADCINB2
25
20
17
I
ADC Group B, Channel 2 input
COMP1B
I
Comparator Input 1B
AIO10
I/O
Digital AIO 10
ADCINB1
24
19
16
I
ADC Group B, Channel 1 input
ADCINB0
23
18
–
I
ADC Group B, Channel 0 input
NOTE: VREFLO is always connected to VSSA on the 64-pin PAG device and on the
VREFLO
22
17
15
I
56-pin RSH device.
CPU AND I/O POWER
VDDA
20
16
14
Analog Power Pin. Tie with a 2.2-
μF capacitor (typical) close to the pin.
Analog Ground Pin.
VSSA
21
17
15
NOTE: VREFLO is always connected to VSSA on the 64-pin PAG device and on the
56-pin RSH device.
VDD
7
5
3
CPU and Logic Digital Power Pins
– no supply source needed when using
internal VREG. Tie with 1.2
µF (minimum) ceramic capacitor (10% tolerance) to
VDD
54
43
38
ground when using internal VREG. Higher value capacitors may be used, but
VDD
72
59
52
could impact supply-rail ramp-up time.
VDDIO
36
29
26
Digital I/O and Flash Power Pin
– Single Supply source when VREG is enabled
VDDIO
70
57
50
VSS
8
6
4
VSS
35
28
25
Digital Ground Pins
VSS
53
42
37
VSS
71
58
51
Copyright
© 2009–2011, Texas Instruments Incorporated
Introduction
13
Submit Documentation Feedback
focus.ti.com: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034 TMS320F28035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com