Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2401AVFS Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2401AVFS Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320LC2401AVFS Datasheet HTML 37Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 38Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 39Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 40Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 41Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 42Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 43Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 44Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
enhanced analog-to-digital converter (ADC) module
A simplified functional block diagram of the ADC module is shown in Figure 15. The ADC module consists of
a 10-bit ADC with a built-in sample-and-hold (S / H) circuit. Functions of the ADC module include:
D 10-bit ADC core with built-in S/H
D Fast conversion time (S/H + Conversion) of 500 ns
D 5-channel, MUXed inputs
D Autosequencing capability provides up to 16 “autoconversions” in a single session. Each conversion can
be programmed to select any 1 of 5 input channels
D Sequencer can be operated as two independent 8-state sequencers or as one large 16-state sequencer
(i.e., two cascaded 8-state sequencers)
D Sixteen result registers (individually addressable) to store conversion values
−
The digital value of the input analog voltage is derived by:
Digital Value
+ 1023
Input Analog Voltage
* V
REFLO
V
REFHI
* V
REFLO
NOTE: VREFLO is internally tied to VSSA; VREFHI is internally tied to VCCA.
D Multiple triggers as sources for the start-of-conversion (SOC) sequence
−
S/W − software immediate start
−
EVA − Event manager A (multiple event sources within EVA)
−
Ext − External pin (ADCSOC)
D Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS
D Sequencer can operate in “start/stop” mode, allowing multiple “time-sequenced triggers” to synchronize
conversions
D EVA triggers can operate independently in dual-sequencer mode
D Sample-and-hold (S/H) acquisition time window has separate prescale control
NOTE: The 2401A ADC module is identical to the LF2407A ADC module. However, only channels ADCIN00
through ADCIN04 are bonded out of the device. For this reason, the valid values for the CONVnn bit fields in
the CHSELSEQn registers are from 0 to 4. Attempting to convert channels 5 through 15 would yield
indeterminate results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com