Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2401AVFS Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2401AVFS Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320LC2401AVFS Datasheet HTML 53Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 54Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 55Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 56Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 57Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 58Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 59Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 60Page - Texas Instruments TMS320LC2401AVFS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
57
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
LF2401A AND LC2401A ELECTRICAL SPECIFICATIONS DATA
This document contains information on products in more than one phase of development. The electrical
specifications for the TMS320LF2401A device are Production Data (PD) and those for the TMS320LC2401A
device are Product Preview (PP). These electrical specifications are subject to change.
absolute maximum ratings over operating temperature range (unless otherwise noted)†
Supply voltage range, VDD, VDDO, and VCCA (see Note 1)
− 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCCP range (LF2401A)
− 0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VIN
− 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
− 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VIN < 0 or VIN > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature ranges, TA: A version‡
− 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
S version‡
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Clamp current stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Long-term high-temperature storage and/or extended use at maximum temperature conditions may result in a reduction of overall device life.
For additional information, see IC Package Thermal Metrics Application Report (literature number SPRA953) and Reliability Data for
TMS320LF24x and TMS320F281x Devices Application Report (literature number SPRA963).
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions§
MIN
NOM
MAX
UNIT
VDD/VDDO Supply voltage
VDDO = VDD ± 0.3 V
3
3.3
3.6
V
VSS
Supply ground
0
0
0
V
VCCA¶
ADC supply voltage
3
3.3
3.6
V
VCCP
Flash programming supply voltage (LF2401A)#
4.75
5
5.25
V
fCLKOUT
Device clock frequency (system clock)
2
40
MHz
VIH
High-level input voltage
All inputs
2
V
VIH
High-level input voltage
All inputs
2
V
VIL
Low-level input voltage
All inputs
0.8
V
VIL
Low-level input voltage
All inputs
0.8
V
Output pins Group 1||
− 2
mA
IOH
High-level output source current, VOH = 2.4 V
Output pins Group 2||
− 4
mA
IOH
High-level output source current, VOH = 2.4 V
Output pins Group 3||
− 8
mA
Output pins Group 1||
2
mA
IOL
Low-level output sink current, VOL = VOL MAX
Output pins Group 2||
4
mA
IOL
Low-level output sink current, VOL = VOL MAX
Output pins Group 3||
8
mA
TA
Ambient temperature
A version
− 40
85
°C
TA
Ambient temperature
S version
− 40
125
°C
Nf
Flash endurance for the array (Write/erase cycles)
− 40
°C to 85°C
10K
cycles
§ See the mechanical data package page for thermal resistance values, ΘJA (junction-to-ambient) and ΘJC (junction-to-case).
¶ VCCA should not exceed VDD by 0.3 V.
# For applications that involve millions of power cycles, it is recommended that VCCP be powered after VDD.
|| Primary signals and their groupings:
Group 1:
PDPINTA/IOPA0, T2PWM, PWM1−PWM6 (IOPA1−IOPA6), IOPB0, IOPB1, OPB5, TMS/XF, RS, TCK, TDI
Group 2:
SCITXD/IOPB3, SCIRXD/IOPB4, TDO/IOPB2
Group 3:
CAP1, IOPA7, CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com