Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2401AVFS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2401AVFS Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320LF2401AVFS Datasheet HTML 7Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 8Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 9Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 10Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 11Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 12Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 13Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 14Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
terminal functions (continued)
Terminal Functions† (Continued)
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
TRST
20
JTAG test reset. The function of the TCK, TDI, TDO, and TMS pins depend on the state of the TRST
pin. If TRST = 1 (Test or Debugging mode), the function of these pins will be JTAG function (the GPIO
function of these pins is not available). If TRST = 0 (Functional mode), these pins function as GPIO.
(
↓)
NOTE: Do not use pullup resistors on TRST; it has an internal pulldown device. TRST is an active high
test pin and must be maintained low at all times during normal device operation. In a low-noise
environment, TRST may be left floating. In other instances, an external pulldown resistor is highly
recommended. The value of this resistor should be based on drive strength of the debugger pods
applicable to the design. A 2.2-k
Ω resistor generally offers adequate protection. Since this is
application-specific, it is recommended that each target board be validated for proper operation of the
debugger and the application.
XTAL1/CLKIN
6
Crystal/Clock input to PLL
XTAL2
7
Crystal output
VCCP¶
26
Flash programming voltage pin. This pin must be connected to a 5-V supply for Flash programming. The
Flash cannot be programmed if this pin is connected to GND. When not programming the Flash (i.e.,
during normal device operation), this pin can either be left connected to the 5-V supply or it can be tied
to GND. This pin must not be left floating at any time. Do not use any current-limiting resistor in series
with the 5-V supply on this pin. This pin is a “no connect” (NC) on ROM parts (i.e., this pin is not connected
to any circuitry internal to the device). Connecting this pin to 5 V or leaving it open makes no difference
on ROM parts.
VDD
5
Core supply (3.3 V)
VDD
25
Core supply (3.3 V)
VSS
8
Core ground
VSS
21
Core ground
VSS
30
Core ground
† Bold face type indicates function of the device pin after reset.
‡ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
§ TDI is MUXed with digital output, not digital I/O.
¶ Pin 26 is VCCP on LF2401A and is a No Connect (NC) on LC2401A.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±20 µA.)
NOTE: On the target hardware, pins 13 and 14 (EMU0/EMU1) of the JTAG header must be pulled high.
NOTE:
The I/O pins that are MUXed with the JTAG function cannot be used while debugging, since the
emulator needs complete control of the JTAG pins. While debugging, there should not be any
circuitry connected on these MUXed pins that could disturb the JTAG debug process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com