Electronic Components Datasheet Search
  English  ▼

X  

TMS320LF2401AVFS Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2401AVFS Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320LF2401AVFS Datasheet HTML 20Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 21Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 22Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 23Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 24Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 25Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 26Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 27Page - Texas Instruments TMS320LF2401AVFS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
interrupt request structure
Table 3. TMS320Lx2401A Interrupt Source Priority and Vectors
INTERRUPT
NAME
OVERALL
PRIORITY
CPU
INTERRUPT
AND
VECTOR
ADDRESS
BIT
POSITION IN
PIRQRx AND
PIACKRx
PERIPHERAL
INTERRUPT
VECTOR
(PIV)
MASK-
ABLE?
SOURCE
PERIPHERAL
MODULE
DESCRIPTION
Reset
1
RSN
0000h
N/A
N
RS pin,
Watchdog
Reset
from
pin,
watchdog
timeout
Reserved
2
−
0026h
N/A
N
CPU
Emulator trap
NMI
3
NMI
0024h
N/A
N
Nonmaskable
Interrupt
Nonmaskable interrupt,
software interrupt only
PDPINTA
4
0.0
0020h
Y
EVA
Power
device
protection
interrupt pin
ADCINT
6
0.1
0004h
Y
ADC
ADC interrupt in
high-priority mode
XINT1
7
INT1
0.2
0001h
Y
External
Interrupt Logic
External interrupt pins in high
XINT2
8
INT1
0002h
0.3
0011h
Y
External
Interrupt Logic
External interrupt pins in high
priority
RXINT
10
0.5
0006h
Y
SCI
SCI
receiver
interrupt
in
high-priority mode
TXINT
11
0.6
0007h
Y
SCI
SCI
transmitter
interrupt
in
high-priority mode
CMP1INT
14
0.9
0021h
Y
EVA
Compare 1 interrupt
CMP2INT
15
0.10
0022h
Y
EVA
Compare 2 interrupt
CMP3INT
16
INT2
0.11
0023h
Y
EVA
Compare 3 interrupt
T1PINT
17
INT2
0004h
0.12
0027h
Y
EVA
Timer 1 period interrupt
T1CINT
18
0004h
0.13
0028h
Y
EVA
Timer 1 compare interrupt
T1UFINT
19
0.14
0029h
Y
EVA
Timer 1 underflow interrupt
T1OFINT
20
0.15
002Ah
Y
EVA
Timer 1 overflow interrupt
T2PINT
28
1.0
002Bh
Y
EVA
Timer 2 period interrupt
T2CINT
29
INT3
1.1
002Ch
Y
EVA
Timer 2 compare interrupt
T2UFINT
30
INT3
0006h
1.2
002Dh
Y
EVA
Timer 2 underflow interrupt
T2OFINT
31
0006h
1.3
002Eh
Y
EVA
Timer 2 overflow interrupt
CAP1INT
36
INT4
0008h
1.4
0033h
Y
EVA
Capture 1 interrupt
RXINT
43
INT5
1.8
0006h
Y
SCI
SCI receiver interrupt
(low-priority mode)
TXINT
44
INT5
000Ah
1.9
0007h
Y
SCI
SCI transmitter interrupt
(low-priority mode)
† Refer to the TMS320LF/LC240xA DSP Controllers Reference Guide: System and Peripherals (literature number SPRU357) for more information.
NOTE: Some interrupts may not be available in a particular device due to the absence of a peripheral. See Table 1 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com