Electronic Components Datasheet Search
  English  ▼

X  

SC1175 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1175
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1175 Datasheet HTML 1Page - Semtech Corporation SC1175 Datasheet HTML 2Page - Semtech Corporation SC1175 Datasheet HTML 3Page - Semtech Corporation SC1175 Datasheet HTML 4Page - Semtech Corporation SC1175 Datasheet HTML 5Page - Semtech Corporation SC1175 Datasheet HTML 6Page - Semtech Corporation SC1175 Datasheet HTML 7Page - Semtech Corporation SC1175 Datasheet HTML 8Page - Semtech Corporation SC1175 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
Applications Information
NOTES
(1) Block 1 (top) is the Master and Block 2 (bottom) is the Slave in current sharing configuration.
(2) For independant operation there is no Master or Slave.
Theory of Operation
Main Loop(s)
The SC1175 is a dual, voltage mode synchronous
Buck controller, the two separate channels are
identical and share only IC supply pins (Vcc and
GND), output driver ground (PGND) and pre-driver
supply voltage (BSTC). They also share a common
oscillator generating a sawtooth waveform for chan-
nel 1 and an inverted sawtooth for channel 2. Each
channel has its own current limit comparator. Chan-
nel 1 has the positive input of the error amplifier
internally connected to Vref. Channel 2 has both
inputs of the error amplifier uncommitted and avail-
able externally. This allows the SC1175 to operate in
two distinct modes.
a) Two independent channels with either com-
mon or different input voltages and different
output voltages. The two channels each have
their own voltage feedback path from their own
output. In this mode, the positive input of error
amplifier 2 is connected externally to Vref. If the
application uses a common input voltage, the
sawtooth phase shift between the channels
provides some measure of input ripple current
cancellation.
b) Two channels operating in current sharing
mode with common output voltage and either
common input voltage or different input voltages.
In this mode, channel 1 operates as a voltage
mode Buck controller, as before, but error amp 2
monitors and amplifies the difference in voltage
across the output current sense resistors of
channel 1 and channel 2 (Master and Slave) and
adjusts the Slave duty cycle to match output
currents. Because of finite gain and offsets in the
loop, the resistor ratio for perfect current match-
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com