Electronic Components Datasheet Search
  English  ▼

X  

SC1175 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1175
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1175 Datasheet HTML 2Page - Semtech Corporation SC1175 Datasheet HTML 3Page - Semtech Corporation SC1175 Datasheet HTML 4Page - Semtech Corporation SC1175 Datasheet HTML 5Page - Semtech Corporation SC1175 Datasheet HTML 6Page - Semtech Corporation SC1175 Datasheet HTML 7Page - Semtech Corporation SC1175 Datasheet HTML 8Page - Semtech Corporation SC1175 Datasheet HTML 9Page - Semtech Corporation SC1175 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
ã 2000 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
ing is not 1:1. The Master and Slave channels still
have their own current limits, identical to the
independent channel case.
Power Good
The controller provides a power good signal. This is
an open collector output, which is pulled low if the
output voltage is outside of the power good window.
Soft Start/Enable
The Soft Start/Enable (SS/ENA) pin serves several
functions. If held below the Soft Start Enable thresh-
old, both channels are inhibited. DH1 and DH2 will be
low, turning off the top FETs. Between the Soft Start
Enable threshold and the Soft Start End threshold,
the duty cycle is allowed to increase. At the Soft Start
End threshold, maximum duty cycle is reached. In
practical applications the error amplifier will be
controlling the duty cycle before the Soft Start End
threshold is reached. To avoid boost problems during
startup in current share mode, both channels start
up in asynchronous mode, and the bottom FET body
diode is used for recirculating current during the FET
off time. When the SS/ENA pin reaches the Soft Start
Transition threshold, the channels begin operating in
synchronous mode for improved efficiency. The soft
start pin sources approximately 25uA and soft start
timing can be set by selection of an appropriate soft
start capacitor value.
Theory of Operation (Cont.)
SENSE RESISTOR SELECTION
Current Sharing Mode
Calculation of the three programming resistors to
achieve sharing.
Three resistors will determine the current sharing
load line.
First the offset resistor will ensure that the load line
crosses the origin (0 Amp on each channel) for
sharing at light current. A pull up resistor from the 5V
bias (V
CC of the chip) will be used. For low duty cycle
on the slave channel (below 50%), the pull up will be
on pin 3. For high duty cycle on the slave channel
(above 50%), the pull up will be on pin 2.
The formula is:
100W being the value of the resistors connecting the
pins 2 and 3 to the two output sense resistors.
The estimated voltage drop across the MOSFETs is
0.1V.
Positive values go to pin 3, negative to pin 2.
If R (pull-up) = +20KW then place a 20WK resistor on
pin 3.
If R (pull-up) = -20KW then place a 20KW on pin 2.
Now that the offset resistor has been fixed, we need
to set up the maximum current for each channel.
Selection of R
SENSE 1 for the master channel:
(mohms)
R
SENSE 1 = 72mV / I max master
Selection of R
SENSE 2 for the slave channel: (mohms)
R
SENSE 1 = 48mV / I max master
The errors will be minimized if the power compo-
nents have been sized proportionately to the maxi-
mum currents.
Independent Channels
Calculation of the two current limiting resistors.
There is no need for an offset resistor in the indepen-
dent channels mode, only the two sense resistors
are used:
Selection of R
SENSE 1 for the channel 1: (mohms)
R
SENSE 1 = 72mV / I max ch 1
Selection of R
SENSE 2 for the channel 2: (mohms)
R
SENSE 1 = 72mV / I max ch 2
+
−
Ω
=
−
IN
SLAVE
OUT
V
1
.
V
5
.
X
762
X
100
)
up
pull
(
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com