Electronic Components Datasheet Search
  English  ▼

X  

VCNL4000 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VCNL4000
Description  Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4000 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VCNL4000 Datasheet HTML 5Page - Vishay Siliconix VCNL4000 Datasheet HTML 6Page - Vishay Siliconix VCNL4000 Datasheet HTML 7Page - Vishay Siliconix VCNL4000 Datasheet HTML 8Page - Vishay Siliconix VCNL4000 Datasheet HTML 9Page - Vishay Siliconix VCNL4000 Datasheet HTML 10Page - Vishay Siliconix VCNL4000 Datasheet HTML 11Page - Vishay Siliconix VCNL4000 Datasheet HTML 12Page - Vishay Siliconix VCNL4000 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Document Number: 83798
For technical questions, contact: sensorstechsupport@vishay.com
www.vishay.com
Rev. 1.5, 12-May-11
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VCNL4000
Fully Integrated Proximity and Ambient Light Sensor
with Infrared Emitter and I2C Interface
Vishay Semiconductors
Register #10 Proximity Modulator Timing Adjustment
Register address = 8Ah.
Note
• The settings for best performance will be provided by Vishay. With first samples this is evaluated to: delay time = 4 and dead time = 1, with
that register #10 should be programmed with: 129 (dez.)
Register #11 Ambient IR Light Level Register
Register address = 8Bh.
This register is not intended to be used by customer.
3. IMPORTANT APPLICATION HINTS AND EXAMPLES
3.1 Receiver standby mode
In standby mode the receiver has the lowest current consumption of about 1.5 μA. In this mode only the I2C interface is active.
This is always valid, when there are no measurement demands for proximity and ambient light executed. Also the current sink
for the IR-LED is inactive, so there is no need for changing register #3 (IR LED current).
3.2 Data Read
In order to get a certain register value, the register has to be addressed without data like shown in the following scheme. After
this register addressing, the data from the addressed register is written after a subsequent read command.
Fig. 14 - Send Byte/Receive Byte Protocol
The stop condition between these write and read sequences is not mandatory. It works also with a repeated start condition.
Note
• For reading out 2 (or more) subsequent registers like the result registers, it is not necessary to address each of the registers separately. After
one read command the internal register counter is increased automatically and any subsequent read command is accessing the next
register.
Example: read register “Ambient Light Result Register” #5 and #6:
Addressing:command: 26h, 85h (VCNL4000_I2C_Bus_Write_Adr., Ambient Light Result Register #5 [85])
Read register #5:command: 27h, data (VCNL4000_I2C_Bus_Read_Adr., {High Byte Data of Ambient Light Result Register #5 [85])}
Read register #6:command: 27h, data (VCNL4000_I2C_Bus_Read_Adr., {Low Byte Data of Ambient Light Result Register #6 [86])}
TABLE 10 - PROXIMITY MODULATOR TIMING ADJUSTMENT #10
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Modulation delay time
N/A
Modulation dead Time
Description
Modulation delay time
R/W bits. Setting a delay time between IR LED signal and IR input signal evaluation.
This function is for compensation of delays from IR LED and IR photo diode.
Also in respect to the possibility for setting different proximity signal frequency.
Correct adjustment is optimizing measurement signal level.
Modulation dead Time
R/W bits. Setting a dead time in evaluation of IR signal at the slopes of the IR signal.
This function is for reducing of possible disturbance effects.
This function is reducing signal level and should be used carefully.
S
Slave address
Rd
Receive byte
Read data from VCNL4000
ARegister address
A
Wr
P
S
Slave address
P
A
A
Data byte
S = start condition
P = stop condition
A = acknowledge
Host action
VCNL4000 response
22314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com