Electronic Components Datasheet Search
  English  ▼

X  

VCNL4000 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VCNL4000
Description  Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4000 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VCNL4000 Datasheet HTML 6Page - Vishay Siliconix VCNL4000 Datasheet HTML 7Page - Vishay Siliconix VCNL4000 Datasheet HTML 8Page - Vishay Siliconix VCNL4000 Datasheet HTML 9Page - Vishay Siliconix VCNL4000 Datasheet HTML 10Page - Vishay Siliconix VCNL4000 Datasheet HTML 11Page - Vishay Siliconix VCNL4000 Datasheet HTML 12Page - Vishay Siliconix VCNL4000 Datasheet HTML 13Page - Vishay Siliconix VCNL4000 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Document Number: 83798
For technical questions, contact: sensorstechsupport@vishay.com
www.vishay.com
Rev. 1.5, 12-May-11
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VCNL4000
Fully Integrated Proximity and Ambient Light Sensor
with Infrared Emitter and I2C Interface
Vishay Semiconductors
SOLDER PROFILE
Fig. 19 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020
DRYPACK
Devices are packed in moisture barrier bags (MBB) to
prevent the products from moisture absorption during
transportation and storage. Each bag contains a desiccant.
FLOOR LIFE
Floor life (time between soldering and removing from MBB)
must not exceed the time indicated on MBB label:
Floor life: 72 h
Conditions: Tamb < 30 °C, RH < 60 %
Moisture sensitivity level 4, acc. to J-STD-020.
DRYING
In case of moisture absorption devices should be baked
before soldering. Conditions see J-STD-020 or label.
Devices taped on reel dry using recommended conditions
192 h at 40 °C (+ 5 °C), RH < 5 %.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s max. ramp down 6 °C/s
19841
255 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com