Electronic Components Datasheet Search
  English  ▼

X  

SC1401 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1401
Description  HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1401 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1401 Datasheet HTML 9Page - Semtech Corporation SC1401 Datasheet HTML 10Page - Semtech Corporation SC1401 Datasheet HTML 11Page - Semtech Corporation SC1401 Datasheet HTML 12Page - Semtech Corporation SC1401 Datasheet HTML 13Page - Semtech Corporation SC1401 Datasheet HTML 14Page - Semtech Corporation SC1401 Datasheet HTML 15Page - Semtech Corporation SC1401 Datasheet HTML 16Page - Semtech Corporation SC1401 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
SC1401
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK
CONTROLLER WITH LDO FOR PORTABLE
POWER
November 21, 2000
16
and to handle any possible short circuit condition.
These are 30V, 9A FET’s. Based on 85°C ambient
temperature, 150°C junction temperature and
thermal resistance, their power handling is calculated
as follows:
Power Limit for Upper & Lower FET:
TJ = 150
oC
TA = 85
oC
!JA = 50
oC/W
Each FET must not exceed 1.3W of power
dissipation.
The conduction losses for the upper & lower FET can
be determined. For the calculations below, a
nominal input voltage of 12V, for Vout = 2.0V, Iout =
7A and f = 300kHz. The Rdson value for the upper &
lower FET is 11milliohms. We will calculate the
conduction losses and switching losses for each
FET. From the calculations below we are well within
the 1.3 watt dissipation limit as calculated above.
Conduction Losses Upper FET:
PCU = 0.090W
Conduction Losses Lower FET:
PCL = 0.225W
Switching Losses Upper FET:
Note: switching losses exist on the upper FET only
because the clamp diode across the lower FET will
turn on prior to the lower FET turning on.
PSU = 0.065W
Crss is the reverse transfer capacitance of the FET;
in this case it equals 215pF for the IRF7805.
Where Ig is the gate driver current. This is equal to
2A for the SC1401.
So the total FET losses equate to:
PFETS = 0.09 + 0.225 + 0.065 = 0.38W.
Note that as Vin increases, the power dissipation
from switching losses will also increase. This is
especially important if the input to the supply is from
an AC adapter. Therefore, it is necessary to check
the calculations with your maximum input voltage
specification. In addition, the distribution of power in
the upper and lower FET will change as input voltage
increases.
Other losses to consider are gate charge losses,
inductor switching and copper losses, and losses in
the input and output capacitors. All these items will
decrease efficiency and need to be carefully
analyzed to obtain the highest efficiency possible,
especially if running off battery power.
2
DS
CU
I
D
R
P
•
•
=
2
CU
7
12
2
0.011
P
•
•
=
2
DS
CU
I
)
1
(
R
P
•
−
•
=
D
2
CL
7
12
2
1
0.0055
P
)
(
•
−
•
=
7
1
300000
12
10
215
I
I
F
V
C
P
2
12
G
O
2
IN
RSS
SU
•
•
•
•
=
•
•
•
=
−
1.3W
50
85
150
θ
T
T
P
JA
A
J
T
=
−
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com