Electronic Components Datasheet Search
  English  ▼

X  

SC1452 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1452
Description  DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1452 Datasheet HTML 1Page - Semtech Corporation SC1452 Datasheet HTML 2Page - Semtech Corporation SC1452 Datasheet HTML 3Page - Semtech Corporation SC1452 Datasheet HTML 4Page - Semtech Corporation SC1452 Datasheet HTML 5Page - Semtech Corporation SC1452 Datasheet HTML 6Page - Semtech Corporation SC1452 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SC1452
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
5
DUAL 150mA LDO REGULATOR WITH
PROGRAMMABLE RESET
PIN DESCRIPTIONS
Pin # Pin Name
Pin Function
1
OUTA
Regulator A output.
2
OUTB
Regulator B output.
3
GND
Ground pin.
4
RSTA
Power on reset for regulator A. Active low when OUTA is below the reset threshold.
5
RSTB
Power on reset for regulator B. Active low when OUTB is below the reset threshold.
6
DLYB
Programmable delay for RESETB. Delay time can be set by connecting a capacitor, C
DLYB, be-
tween this pin and ground. Ground this pin if using the default delay time.
7
ENB
Active high enable pin for output B. CMOS compatible input. Connect to IN if not being used.
8
BYP
Bypass pin for bandgap reference. Connect a 10nF capacitor, C
BYP, between this pin and
ground for low noise operation.
9
ENA
Active high enable pin for output A. CMOS compatible input. Connect to IN if not being used.
10
IN
Input pin for both regulators.
MSOP-10
(Top View)
PIN CONFIGURATION
VOLTAGE OPTIONS
Replace X in the part number (SC1452XIMS) by the letter shown
below for the corresponding voltage option:
XV
OUTA (V)
V
OUTB (V)
A1.8
1.8
B2.5
2.5
C2.8
2.8
D3.0
3.0
E3.3
3.3
F3.0
2.5
G3.0
1.8
H3.0
2.8
J3.3
2.5
K3.3
2.8
MARKING INFORMATION
# = Voltage options (Example: 452F)
yyww = Datecode (Example: 0008)
XXXX = Lot Number (Example: E01102)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com