Electronic Components Datasheet Search
  English  ▼

X  

SC1452 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1452
Description  DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 6 Page - Semtech Corporation

  SC1452 Datasheet HTML 1Page - Semtech Corporation SC1452 Datasheet HTML 2Page - Semtech Corporation SC1452 Datasheet HTML 3Page - Semtech Corporation SC1452 Datasheet HTML 4Page - Semtech Corporation SC1452 Datasheet HTML 5Page - Semtech Corporation SC1452 Datasheet HTML 6Page - Semtech Corporation SC1452 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SC1452
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
6
DUAL 150mA LDO REGULATOR WITH
PROGRAMMABLE RESET
voltage is reached. The delay time can be calculated by
rearranging the above equation, solving for t:
Note that the maximum delay time is 150ms, as RSTB
goes high when either the internal timer or externally
set timer times out, so if t
RSTB
is set externally for
200ms, the reset delay will still be 150ms. Thus for a
150ms delay, DLYB should be grounded, and for a
delay time less than 150ms, C
DLYB can be calculated
using the equation above, or read from the chart below.
APPLICATIONS INFORMATION
Adjusting RSTB Delay Time
RSTB, the power on reset for regulator B, can be
reduced externally by connecting a capacitor to the
delay time set pin DLYB. If DLYB is connected to
ground, the internally controlled delay time of 150ms
(typ.) will apply.
Referring to the block diagram, as the output of regula-
tor B (V
OUTB)
rises and reaches the reset threshold
voltage (92% V
OUTB(NOM)), two things happen:
1) the internal 150ms timer starts;
2) the 3µA current source turns on, charging C
DLYB (if
connected).
If DLYB is connected to ground, RSTB goes high
150ms after V
OUTB crosses the threshold voltage. If a
capacitor is connected between DLYB and ground, the
voltage at DLYB can be described by the following
equation:
An internal comparator compares this voltage to a
1.25V reference, and triggers the reset high once this
DLYB
6
DLYB
C
t
10
3
V
•
•
=
−
DLYB
6
DLYB
RSTB
C
667
,
416
10
3
25
.
1
C
t
•
=
•
•
=
−
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
CDLYB (nF)
tRSTB = 150ms max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com