Electronic Components Datasheet Search
  English  ▼

X  

SC1454 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1454
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1454 Datasheet HTML 4Page - Semtech Corporation SC1454 Datasheet HTML 5Page - Semtech Corporation SC1454 Datasheet HTML 6Page - Semtech Corporation SC1454 Datasheet HTML 7Page - Semtech Corporation SC1454 Datasheet HTML 8Page - Semtech Corporation SC1454 Datasheet HTML 9Page - Semtech Corporation SC1454 Datasheet HTML 10Page - Semtech Corporation SC1454 Datasheet HTML 11Page - Semtech Corporation SC1454 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ã 2000 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
Typical Characteristics
Output Voltage vs. Output Current
vs. Junction Temperature, V
OUT = 2.8V
Output Voltage vs. Junction Temperature
vs. Output Current, V
OUT = 2.8V
Output Voltage vs. Junction Temperature
vs. Output Current, V
OUT = 1.5V
Output Voltage vs. Junction Temperature
vs. Output Current, V
OUT = 5.5V
SETA Reference Voltage vs. Junction Temperature
vs. Output Current, V
IN = 2.5V
SETA Reference Voltage vs. Junction Temperature
vs. Output Current, V
IN = 6.5V
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
0
25
50
75
100
125
150
I
OUT (mA)
VIN = 3.8V
VOUT = 2.8V
Top to bottom:
TA = 125°C
TA = 25°C
TA = -40°C
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 3.8V
VOUT = 2.8V
Top to bottom:
IOUT = 1mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 2.5V
VOUT = 1.5V
IOUT = 150mA
IOUT = 1mA
-40
-30
-20
-10
0
10
20
30
40
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 6.5V
VOUT = 5.5V
IOUT = 150mA
IOUT = 1mA
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 2.5V
IOUT = 150mA
IOUT = 1mA
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 6.5V
IOUT = 150mA
IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com