Electronic Components Datasheet Search
  English  ▼

X  

SC1454 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1454
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1454 Datasheet HTML 5Page - Semtech Corporation SC1454 Datasheet HTML 6Page - Semtech Corporation SC1454 Datasheet HTML 7Page - Semtech Corporation SC1454 Datasheet HTML 8Page - Semtech Corporation SC1454 Datasheet HTML 9Page - Semtech Corporation SC1454 Datasheet HTML 10Page - Semtech Corporation SC1454 Datasheet HTML 11Page - Semtech Corporation SC1454 Datasheet HTML 12Page - Semtech Corporation SC1454 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
ã 2000 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
Typical Characteristics (Cont.)
Dropout Voltage vs. Output Current
vs. Junction Temperature
Dropout Voltage vs. Junction Temperature
vs. Output Current
Line Regulation vs.
Junction Temperature
Load Regulation vs.
Junction Temperature
Current Limit vs. Junction Temperature
vs. Input Voltage
Off-State Quiescent Current
vs. Junction Temperature
0
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
I
OUT (mA)
Top to bottom:
TJ = 125°C
TJ = 25°C
TJ = -40°C
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
T
J (°C)
IOUT = 150mA
IOUT = 50mA
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
T
J (°C)
IOUT = 1mA
VIN = VOUT + 1V to 6.5V
VIN = VOUT + 1V to 5.5V
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = VOUT + 1V
IOUT = 0.1mA to 150mA
400
450
500
550
600
650
700
750
800
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 6.5V
VIN = 3.8V
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 6.5V
VENA = VENB = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com