Electronic Components Datasheet Search
  English  ▼

X  

MIC2587 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2587
Description  Single-Channel, Positive High-Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2587 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2587 Datasheet HTML 8Page - Micrel Semiconductor MIC2587 Datasheet HTML 9Page - Micrel Semiconductor MIC2587 Datasheet HTML 10Page - Micrel Semiconductor MIC2587 Datasheet HTML 11Page - Micrel Semiconductor MIC2587 Datasheet HTML 12Page - Micrel Semiconductor MIC2587 Datasheet HTML 13Page - Micrel Semiconductor MIC2587 Datasheet HTML 14Page - Micrel Semiconductor MIC2587 Datasheet HTML 15Page - Micrel Semiconductor MIC2587 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel
MIC2587/MIC2587R
October 2004
13
M9999-102204
(408) 955-1690
the maximum hot swap load current (IHOT_SWAP(MAX)) which
the circuit may let pass in the case of tolerance build-up in
the opposite direction. Here, the worse-case maximum is
found using a VTRIP(MAX) threshold of 55mV and a sense
resistor 3% low in value:
I
HOT_SWAP(MAX) =
55mV
0.97
×R
SENSE(NOM)
()
=
56.7mV
R
SENSE(NOM)
In this case, the application circuit must be sturdy enough
to operate over a ~1.5-to-1 range in hot swap load
currents. For example, if an MIC2587 circuit must pass a
minimum hot swap load current of 4A without nuisance
trips, RSENSE should be set to:
Ω
=
=
9.75m
4A
39mV
R
SENSE(NOM)
where the nearest 1% standard value is 9.76m
Ω. At the
other tolerance extremes, IHOT_SWAP(MAX) for the circuit in
question is then simply:
I
HOT_SWAP(MAX) =
56.7mV
9.76m
Ω
= 5.8A
With a knowledge of the application circuit's maximum hot
swap load current, the power dissipation rating of the
sense resistor can be determined using P = I
2
× R. Here,
The current is IHOT_SWAP(MAX) = 5.8A and the resistance
RSENSE(MIN) = (0.97)(RSENSE(NOM)) = 9.47mΩ. Thus, the sense
resistor's maximum power dissipation is:
PMAX = (5.8A)
2
× (9.47mΩ) = 0.319W
A 0.5W sense resistor is a good choice in this application.
When the MIC2587/MIC2587R’s foldback current limiting
circuit is engaged in the above example, the current limit
would nominally fold back to 1.23A when the output is
shorted to ground.
PCB Layout Recommendations
4-Wire Kelvin Sensing
Because of the low value typically required for the sense
resistor, special care must be used to accurately measure
the voltage drop across it. Specifically, the measurement
technique across RSENSE must employ 4-wire Kelvin
sensing. This is simply a means of ensuring that any
voltage drops in the power traces connected to the
resistors are not picked up by the signal conductors
measuring the voltages across the sense resistors.
Figure 6 illustrates how to implement 4-wire Kelvin
sensing. As the figure shows, all the high current in the
circuit (from VCC through RSENSE and then to the drain of the
N-channel power MOSFET) flows directly through the
power PCB traces and through RSENSE. The voltage drop
across RSENSE is sampled in such a way that the high
currents through the power traces will not introduce
significant parasitic voltage drops in the sense leads. It is
recommended to connect the hot swap controller's sense
leads directly to the sense resistor's metalized contact
pads.
The
Kelvin
sense
signal
traces
should
be
symmetrical with equal length and width, kept as short as
possible and isolated from any noisy signals and planes.
Additionally, for designs that implement Kelvin sense
connections that exceed 1” in length and/or if the Kelvin
(signal) traces are vulnerable to noise possibly being
injected onto these signals, the example circuit shown in
Figure
7
can
be
implemented
to
combat
noisy
environments.
This circuit implements a 1.6 MHz
low-
pass filter to attenuate higher frequency disturbances on
the current sensing circuitry. However, individual system
analysis should be used to determine if filtering is
necessary and to select the appropriate cutoff frequency
for each specific application.
Other Layout Considerations
Figure 8 is a recommended PCB layout diagram for the
MIC2587-2BM.
Many hot swap applications will require
load currents of several amperes.
Therefore, the power
(VCC and Return) trace widths (W) need to be wide enough
to allow the current to flow while the rise in temperature for
a given copper plate (e.g., 1oz. or 2oz.) is kept to a
maximum of 10°C to 25°C. Also, these traces should be
as short as possible in order to minimize the IR drops
between the input and the load.
The feedback network
resistor values in Figure 8 are selected for a +24V
application. The resistors for the feedback (FB) and ON
pin networks should be placed close to the controller and
the associated traces should be as short as possible to
improve the circuit’s noise immunity. The input “clamping
diode” (D1) is referenced in the “Typical Application Circuit”
on Page 1.
If possible, use high-frequency PCB layout
techniques around the GATE circuitry (shown in the
“Typical Application Circuit”) and use a dummy resistor
(e.g., R3 = 0
Ω) during the prototype phase.
If R3 is
needed to eliminate high-frequency oscillations, common
values for R3 range between 4.7
Ω to 20Ω for various
power MOSFETs. Finally, the use of plated-through vias
will be needed to make circuit connection to the power and
ground planes when utilizing multi-layer PCBs.
MOSFET and Sense Resistor Vendors
Device types, part numbers, and manufacturer contacts for
power MOSFETs and sense resistors are provided in
Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com