Electronic Components Datasheet Search
  English  ▼

X  

MIC2587 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2587
Description  Single-Channel, Positive High-Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2587 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2587 Datasheet HTML 1Page - Micrel Semiconductor MIC2587 Datasheet HTML 2Page - Micrel Semiconductor MIC2587 Datasheet HTML 3Page - Micrel Semiconductor MIC2587 Datasheet HTML 4Page - Micrel Semiconductor MIC2587 Datasheet HTML 5Page - Micrel Semiconductor MIC2587 Datasheet HTML 6Page - Micrel Semiconductor MIC2587 Datasheet HTML 7Page - Micrel Semiconductor MIC2587 Datasheet HTML 8Page - Micrel Semiconductor MIC2587 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel
MIC2587/MIC2587R
October 2004
4
M9999-102204
(408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
6
GATE
Gate Drive Output: This pin is the output of an internal charge pump connected to the gate
of an external, N-channel power MOSFET. The charge pump has been designed to provide
a minimum gate drive (
∆V
GATE = VGATE - VCC) of +7.5V over the input supply’s full operating
range. When the ON pin voltage is higher than the VONH threshold, a 16µA current source
(IGATEON) charges the GATE pin.
When in current limit, the output voltage at the GATE pin is adjusted so that the voltage
across the external sense resistor is held equal to VTRIP while the capacitor connected to the
TIMER pin charges. If the current limit condition goes away before the TIMER pin voltage
rises above the VTIMERH threshold, then steady-state operation resumes.
The GATE output pin is shut down whenever: (1) the input supply voltage is lower than the
VUVL threshold, (2) the ON pin voltage is lower than the VONL threshold, (3) the TIMER pin
voltage is higher than the VTIMERH threshold, or (4) the difference between the VCC and
SENSE pins is greater than VTRIP while the TIMER pin is grounded. For cases (3) and (4) –
overcurrent fault conditions – the GATE is immediately pulled to ground by IGATEFLT, a 30mA
(minimum) pull-down current.
7
SENSE
Circuit Breaker Sense Input:
This pin is the (-) Kelvin sense connection for the output
supply rail. A low-valued resistor (RSENSE) between this pin and the VCC pin sets the circuit
breaker’s current limit trip point. When the current limit detector circuit is enabled (as well as
the current limit timer), while the FB pin voltage remains higher than 1V, the voltage across
the sense resistor (VCC-VSENSE) will be regulated to VTRIP (47mV, typically) to maintain a
constant current into the load. When the FB pin voltage is less than
≅0.5V, the voltage
across the sense resistor decreases linearly to a minimum of 12mV (typical) when the FB
pin voltage is at 0V.
To disable the circuit breaker (and defeat all current limit protections), the SENSE pin and
the VCC pin can be tied together.
8
VCC
Positive Supply Voltage Input: This pin is the (+) Kelvin sense connection for the output
supply rail. The nominal operating voltage range for the MIC2587 and the MIC2587R is
+10V to +80V, and VCC can withstand input transients up to +100V.
An undervoltage
lockout circuit holds the GATE pin low whenever the supply voltage to the MIC2587 and the
MIC2587R is less than the VUVH threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com