Electronic Components Datasheet Search
  English  ▼

X  

SC1460 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1460
Description  5mA CAPLESSTM CHARGE PUMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1460 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1460 Datasheet HTML 1Page - Semtech Corporation SC1460 Datasheet HTML 2Page - Semtech Corporation SC1460 Datasheet HTML 3Page - Semtech Corporation SC1460 Datasheet HTML 4Page - Semtech Corporation SC1460 Datasheet HTML 5Page - Semtech Corporation SC1460 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SC1460
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
5mA CAPLESS
TM CHARGE PUMP
PRELIMINARY - July 6, 1999
1
BLOCK DIAGRAM
PIN CONFIGURATION
3 Lead SOT-23
DESCRIPTION
The SC1460 is a versatile charge pump designed for
use in battery operated power supply applications re-
quiring up to 5mA. It enables a simple low current
boost circuit to be implemented without the costly in-
ductors or capacitors associated with regular switching
circuits. Features include internal MOSFETs, control
circuitry and charge pump capacitor, requiring only two
external capacitors for a total solution. With a very
high operating frequency (8MHz free running at 2.5V in
typically), the SC1460 does not require large input or
output capacitors, and therefore uses very little board
space. Two versions of the SC1460 are available: the
-3.3 produces a regulated 3.3V output from 2.5V in,
and the -5.0 produces a regulated 5V output from 3.3V
in. It is supplied in the popular 3 lead, SOT-23 pack-
age.
FEATURES
• Small size - SOT-23 package
• 4% voltage accuracy
• Typical 100uA quiescent current
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ORDERING INFORMATION
DEVICE
(1)(2)
PACKAGE
SC1460CSK-X.X
SOT-23
Notes:
(1) Where X.X denotes voltage options. Available volt-
ages are: 3.3V and 5.0V.
(2) Add suffix ‘TR’ for tape and reel.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
VIN
-0.3 to + 4
V
Output Voltage
VO
-0.3 to +6.0
V
Thermal Resistance
Junction to Ambient
θ
JA
410
°C/W
Operating Temperature
T
A
0 to +70
°C
Temperature Range
T
J
0 to 125
°C
Storage Temperature
T
STG
-65 to +150
°C
Lead Temperature
(Soldering) 10 seconds
T
L
300
°C
APPLICATIONS
• Handheld Power Supplies
• PDA Power Supplies
• Notebook Power Supplies
• Peripheral Card Supplies
• Industrial Power Supplies
• High Density DC/DC Conversion
(Top View)


Similar Part No. - SC1460

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SC146 DIGITRON-SC146 Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC146 NJSEMI-SC146 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1461 SEMTECH-SC1461 Datasheet
150Kb / 8P
Multi Mode Capless Charge Pump
SC1461EVB SEMTECH-SC1461EVB Datasheet
150Kb / 8P
Multi Mode Capless Charge Pump
SC1461ISKTR SEMTECH-SC1461ISKTR Datasheet
150Kb / 8P
Multi Mode Capless Charge Pump
More results

Similar Description - SC1460

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
logo
Micrel Semiconductor
MIC2660 MICREL-MIC2660 Datasheet
93Kb / 8P
IttyBitty Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
logo
Sanken electric
SPF6001 SANKEN-SPF6001 Datasheet
133Kb / 1P
Charge pump circuit
SPF6102 SANKEN-SPF6102 Datasheet
219Kb / 1P
Charge pump circuit
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
Charge Pump
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com