Electronic Components Datasheet Search
  English  ▼

X  

SC1460 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1460
Description  5mA CAPLESSTM CHARGE PUMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1460 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1460 Datasheet HTML 1Page - Semtech Corporation SC1460 Datasheet HTML 2Page - Semtech Corporation SC1460 Datasheet HTML 3Page - Semtech Corporation SC1460 Datasheet HTML 4Page - Semtech Corporation SC1460 Datasheet HTML 5Page - Semtech Corporation SC1460 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SC1460
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
5mA CAPLESS
TM CHARGE PUMP
PRELIMINARY - July 6, 1999
3
Typical Iin vs. Vin @25 Deg. C.
0
2
4
6
8
10
12
14
16
22.5
33.5
4
Vin (V)
Io = 6 mA
Io = 5 mA
Io = 4 mA
Io = 0 mA
Typical Iin vs. Io @25 Deg. C.
0
2
4
6
8
10
12
14
16
01
23
456
Io (mA)
Vin = 3.60V
Vin = 3.30V
Vin = 2.50V
Vin = 2.25V
Typical Vo vs. Io @25 Deg. C.
2
2.5
3
3.5
4
4.5
5
01234
56
Io (mA)
Vin = 3.60V
Vin = 3.30V
Vin = 2.50V
Vin = 2.25V
Typical Eff. vs. Io @25 Deg. C.
45
50
55
60
44.555.5
6
Io (mA)
Vin = 2.25V
Vin = 2.50V
Vin = 3.30V
Vin = 3.60V
Typical Eff. vs. Vin @25 Deg. C.
45
50
55
60
22.5
33.5
4
Vin (V)
Io = 4mA
Io = 5mA
Io = 6mA
Typical Eff. vs. Vo @25 Deg. C.
45
50
55
60
2.5
3
3.5
4
4.5
5
Vo (V)
Io = 4 mA
Io = 5 mA
Io = 6 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com