Electronic Components Datasheet Search
  English  ▼

X  

UM602/A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM602/A
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602/A Datasheet(HTML) 2 Page - Unisonic Technologies

  UM602/A Datasheet HTML 1Page - Unisonic Technologies UM602/A Datasheet HTML 2Page - Unisonic Technologies UM602/A Datasheet HTML 3Page - Unisonic Technologies UM602/A Datasheet HTML 4Page - Unisonic Technologies UM602/A Datasheet HTML 5Page - Unisonic Technologies UM602/A Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTCUM602/A
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R121-002,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
36
V
Differential Input Voltage
Vid
36
V
Input voltage
Vi
-0.3 to +36
V
Operating Free-air Temperature Range
Toper
-40 to +125
°C
Maximum Junction Temperature
Tj
150
°C
Thermal Resistance Junction to Ambient
(SOP package)
150
°C/W
ELECTRICAL CHARACTERISTICS (Vcc+=5V, Vcc-=0V, Tamb=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Total Supply Current
Tmin. < Tamb < Tmax.
Icc
0.8
1.5
2
mA
OPERATIONAL AMPLIFIERS
(Vcc+=5V, Vcc=GND, R1 connected to Vcc/2,Tamb=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Offset Voltage
Tmin.<= Tamb <= Tmax.
Vio
1
4.5
6.5
mV
Input Offset Voltage Drift
DVio
10
µV/°C
Input Bias Current
Tmin.<= Tamb <= Tmax.
Iib
20
100
200
nA
Input Offset Current
Tmin.<= Tamb <= Tmax.
Iio
5
20
40
nA
Large Signal Voltage Gain
R1=10k, Vcc+=30V Vo=5V to 25V
Tmin.<= Tamb <= Tmax.
Avd
50
25
100
V/mV
Supply Voltage Rejection Ratio
Vcc=5V to 30V
SVR
80
100
dB
Input Common Mode Voltage Range
Tmin.<= Tamb <= Tmax.
Vicm
(Vcc-) to (Vcc+) -1.8
(Vcc-) to (Vcc+) -2.2
V
Common Mode Rejection Ratio
Vcc+=30V,Vicm=0V to (Vcc+)-1.8V
CMR
70
90
dB
Output Short Circuit Current
Vid=±1V,Vo=2.5V
Source
Sink
Isc
3
3
6
6
mA
High Level Output Voltage RL=10kΩ
Vcc+=30V
Tmin.<= Tamb <= Tmax.
VoH
27
26
28
V
Low Level Output Voltage RL=10kΩ
Tmin.<= Tamb <= Tmax.
VoL
100
150
210
mV
Slew Rate
Vcc=±15V
Vi=±10V,RL=10KΩ,CL=100pF
SR
1.6
2
V/
µs
Gain Bandwidth Product
RL=10KΩ, CL=100pF, f=100kHz
GBP
1.4
2.1
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com