Electronic Components Datasheet Search
  English  ▼

X  

UM602/A Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM602/A
Description  DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM602/A Datasheet(HTML) 3 Page - Unisonic Technologies

  UM602/A Datasheet HTML 1Page - Unisonic Technologies UM602/A Datasheet HTML 2Page - Unisonic Technologies UM602/A Datasheet HTML 3Page - Unisonic Technologies UM602/A Datasheet HTML 4Page - Unisonic Technologies UM602/A Datasheet HTML 5Page - Unisonic Technologies UM602/A Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTCUM602/A
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R121-002,A
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Phase Margin
RL=10KΩ,CL=100pF
Φ
m
45
Degrees
Total Harmonic Distortion
THD
0.05
%
Equivalent Input Noise Voltage
f=1kHz
en
29
nV
Hz
Channel Separation
Cs
120
dB
COMPARATORS (Vcc+=+5V, Vcc=Ground, Tamb=25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Offset Voltage
Tmin.<= Tamb <= Tmax.
Vio
5
9
MV
Input Offset Current
Tmin.<= Tamb <= Tmax.
Iio
50
150
nA
Input Bias Current
Tmin.<= Tamb <= Tmax.
Iib
250
400
nA
High Level Output Voltage
Vid=1V,Vcc=Vo+30V
Tmin.<= Tamb <= Tmax.
IoH
0.1
1
nA
µA
Low Level Output Voltage
Vid=-1V,Lsink=4mA
Tmin.<= Tamb <= Tmax.
VOL
250
400
700
mV
Large Signal Voltage Gain
R1=15K,Vcc=15V,Vo=1 to 11V
Avd
200
V/mV
Output Sink Current
Vid=-1V,Vo=1.5V
Isink
6
16
mA
Input Common Mode Voltage Range
Tmin.<= Tamb <= Tmax.
Vicm
0
0
Vcc
+ -1.5
Vcc
+ -2
V
Differential Input Voltage
Vid
Vcc
+
V
Response Time –(note1)
R1=5.1k to Vcc+, Vref=1.4V
tre
1.3
µs
Large Signal Response Time
Vref=1.4V,Vi=TTL,R1=5.1k to Vcc+
trel
300
ns
Note1: The response time specified is for 100mV input step with 5mV overdrive.
For larger overdrive signals, 300ns can be obtained.
VOLTAGE REFERENCE
PARAMETER
SYMBOL
VALUE
UNIT
Cathode to Anode Voltage
VKA
Vref to 36
V
Cathode Current
IK
1 to 100
mA
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Reference Input Voltage –
(figure 1) – Tamb=25
°C
Vref
UM602, VKA=Vref, IK=10mA
UM602A, VKA=Vref, IK=10mA
2.475
2.490
2.500
2.500
2.525
2.510
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com