Electronic Components Datasheet Search
  English  ▼

X  

UPS702 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UPS702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS702 Datasheet(HTML) 2 Page - Unisonic Technologies

  UPS702 Datasheet HTML 1Page - Unisonic Technologies UPS702 Datasheet HTML 2Page - Unisonic Technologies UPS702 Datasheet HTML 3Page - Unisonic Technologies UPS702 Datasheet HTML 4Page - Unisonic Technologies UPS702 Datasheet HTML 5Page - Unisonic Technologies UPS702 Datasheet HTML 6Page - Unisonic Technologies UPS702 Datasheet HTML 7Page - Unisonic Technologies UPS702 Datasheet HTML 8Page - Unisonic Technologies UPS702 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UPS702
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R119-013. D
PIN CONFIGURATION
1
DRAIN
GND
DRAIN
VIN
VCC
CS
FB
SS
2
3
4
5
6
7
8
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
DRAIN
Power MOSFET drain
2
VIN
For startup and constant power limit, this pin is pulled to the line input via resistor
3
VCC
Supply voltage
4
GND
Ground
5
SS
Soft-start
6
FB
Feedback
7
CS
Controller current sense input
8
DRAIN
Power MOSFET drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com