Electronic Components Datasheet Search
  English  ▼

X  

UPS702 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPS702
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS702 Datasheet(HTML) 4 Page - Unisonic Technologies

  UPS702 Datasheet HTML 1Page - Unisonic Technologies UPS702 Datasheet HTML 2Page - Unisonic Technologies UPS702 Datasheet HTML 3Page - Unisonic Technologies UPS702 Datasheet HTML 4Page - Unisonic Technologies UPS702 Datasheet HTML 5Page - Unisonic Technologies UPS702 Datasheet HTML 6Page - Unisonic Technologies UPS702 Datasheet HTML 7Page - Unisonic Technologies UPS702 Datasheet HTML 8Page - Unisonic Technologies UPS702 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UPS702
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R119-013. D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
30
V
Input Voltage to Vin Pin
Vin
30
V
Input Voltage to FB Pin
VFB
-0.3 ~ 6.2
V
Input Voltage to CS Pin
VCS
-0.3 ~ 2.8
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-50 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
8.6 ~ 22
V
ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=15V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
ISTR
VCC = VCC(ON)-0.1V
22
45
μA
IOFF
VSS = 0, IFB = 0
7
9
mA
Supply Current with switch
ION
VSS = 4.8V, IFB = 0
7
9
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
13.5
14.2
15
V
Min. Operating Voltage
VCC(MIN)
7.5
8.2
9
V
Hysteresis
VCC(HY)
6
V
INTERNAL VOLTAGE REFERENCE
Reference Voltage
VREF
measured at pin VFB
6.3
6.5
6.7
V
CONTROL SECTION
VMIN
0.5
V
VFB Operating Level
VMAX
4.4
V
Burst-Mode Out FB Voltage
VFB(OUT)
VCS =0
1.7
V
Reduce-Frequency end FB Voltage
VFB(END)
VCS =0
1.6
V
Burst-Mode Enter FB Voltage
VFB(IN)
VCS =0
1.5
V
Normal
VFB = 4V
61
68
75
kHz
Switch Frequency
Power-Saving
F(SW)
Before enter burst mode
20
40
kHz
DMAX
VFB=4.4V, VCS =0
68
74
80
%
Duty Cycle
DMIN
VFB<0.5V
0
%
Frequency Hopping
FJ(SW)
±1.5
±3
±4.5
kHz
Frequency Variation VS VCC Deviation
FDV
VCC=10 to 20V
5
%
Frequency Variation VS Temperature
Deviation
FDT
T=-40 to 105°C
5
%
Feedback Resistor
RFB
VFB=0V
16
21
26
kΩ
Soft-Start Time
TSS
CSS=0.47μF
9.9
11.2
12.6
ms
PROTECTION SECTION
VOVP1
VSS<3.5V,VFB>5V
19
V
OVP threshold
VOVP2
VSS=4.8V, VFB=3V
28
V
OLP threshold
VFB(OLP)
VCS=0, SS OPEN
4.7
4.9
5.1
V
Delay Time Of OLP
TD-OLP
CSS=0.47μF
55
62
70
ms
OTP threshold
T(THR)
120
135
150
°C
OVP Disable threshold
VSS(DEACT)
VFB>5V, VCC = 22V
3.9
4.1
4.3
V
OLP Enable threshold
VSS(ACT)
VFB>5V
5.1
5.4
5.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com