Electronic Components Datasheet Search
  English  ▼

X  

US203 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US203
Description  80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US203 Datasheet(HTML) 2 Page - Unisonic Technologies

  US203 Datasheet HTML 1Page - Unisonic Technologies US203 Datasheet HTML 2Page - Unisonic Technologies US203 Datasheet HTML 3Page - Unisonic Technologies US203 Datasheet HTML 4Page - Unisonic Technologies US203 Datasheet HTML 5Page - Unisonic Technologies US203 Datasheet HTML 6Page - Unisonic Technologies US203 Datasheet HTML 7Page - Unisonic Technologies US203 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
US203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-435.d
MARKING (For SOT-25)
PIN CONFIGURATION
SOT-25
SOP-8
PIN DESCRIPTION
PIN NO.
SOP-8
SOT-25
PIN NAME
DESCRIPTION
6,7,8
1
VOUT
Output Voltage
1
2
GND
Ground
3
NC
4
4
EN
Enable. Never let this pin floating.
2,3
5
VIN
Power Input Voltage
5
FLG
Open-Drain Fault Flag Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com