Electronic Components Datasheet Search
  English  ▼

X  

US203 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US203
Description  80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US203 Datasheet(HTML) 1 Page - Unisonic Technologies

  US203 Datasheet HTML 1Page - Unisonic Technologies US203 Datasheet HTML 2Page - Unisonic Technologies US203 Datasheet HTML 3Page - Unisonic Technologies US203 Datasheet HTML 4Page - Unisonic Technologies US203 Datasheet HTML 5Page - Unisonic Technologies US203 Datasheet HTML 6Page - Unisonic Technologies US203 Datasheet HTML 7Page - Unisonic Technologies US203 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US203
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-435.d
80mΩ, 0.6/1.5A HIGH-SIDE POWER
SWITCHES WITH FLAG
DESCRIPTION
The UTC US203 are low voltage cost-effective high-side power switches
with flag function. These devices are particularly suitable for self-powered
and bus-powered USB applications. The build-in N-MOSFET’s RDS(ON) which
meets the requirements of USB voltage drop is as low as 80mΩ.
The UTC US203 contains a charge pump circuitry to drive the internal
MOSFET switch and also incorporate such protection circuits: soft-start
circuit protect these devices from being damaged by limiting inrush current
during plug-in; thermal shutdown circuit is used to prevent catastrophic
switch failure from high-current loads. UVLO is used to ensure that the
device remains off unless there is a valid input voltage present.
A flag output is designed to indicate fault conditions to the local USB
controller. Fault current is limited to typically 2.5A for UTC US203AH/AL in
dual ports and 1A for UTC US203CH/CL in single port in accordance with the
USB power requirements, lower quiescent current as 25μA making this
device ideal for portable battery-operated equipment.
The UTC US203 are applied in USB Bus/Self powered hubs, USB
peripherals, NB, PCs, PC card hot swap, battery-powered equipment,
hot-plug power supplies, battery-charger circuits , ACPI power distribution.
FEATURES
* Input Voltage Varies From 2.5V to 5.5V
* Built-in N-MOSFET
* Output Can Be Forced Higher Than Input (Off-State)
* Typical Low Supply Current:
- Switch On: 25μA (TYP)
- Switch Off: 1μA (TYP)
* Guaranteed Continuous Load Current: 1.5A for US203AH/AL and 0.6A for
* US203CH/CL
* Open-Drain Fault Flag Output To Indicate Fault Conditions
* Protection Circuits:
- Soft-start( Hot plug-in application)
- UVLO 1.7V (TYP.)
- Current Limiting Protection
- Thermal Shutdown Protection
* Reverse Current Flow Blocking (No Body Diode)
SOT-25
1
3
5
2
4
SOP-8
1
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
US203XXL-AF5-R
US203XXG-AF5-R
SOT-25
Tape Reel
US203XXL-S08-R
US203XXG-S08-R
SOP-8
Tape Reel


Similar Part No. - US203

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203 Datasheet
268Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US203AHG-AF5-R UTC-US203AHG-AF5-R Datasheet
268Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US203AHG-S08-R UTC-US203AHG-S08-R Datasheet
268Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US203AHL-AF5-R UTC-US203AHL-AF5-R Datasheet
268Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
More results

Similar Description - US203

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com