Electronic Components Datasheet Search
  English  ▼

X  

US1528 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US1528
Description  USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1528 Datasheet(HTML) 4 Page - Unisonic Technologies

  US1528 Datasheet HTML 1Page - Unisonic Technologies US1528 Datasheet HTML 2Page - Unisonic Technologies US1528 Datasheet HTML 3Page - Unisonic Technologies US1528 Datasheet HTML 4Page - Unisonic Technologies US1528 Datasheet HTML 5Page - Unisonic Technologies US1528 Datasheet HTML 6Page - Unisonic Technologies US1528 Datasheet HTML 7Page - Unisonic Technologies US1528 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US1528
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-457.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+6.0
V
Fault Flag Voltage
VFLG
+6.0
V
Fault Flag Current
IFLG
50
mA
Output Voltage
VOUT
+6.0
V
Output Current
IOUT
Internally Limited
Enable Input
VEN
-0.3~6
V
Storage Temperature
TSTG
-65~+150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+3~+5.5
V
Ambient Operating Temperature
TOPR
-40~85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
°C/W
ELECTRICAL CHARACTERISTICS (VIN=+5V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS(OFF)
switch off, OUT = open
1
5
µA
IN Supply Current (Note)
IS(ON)
switch on, OUT = open
100
160
µA
VIH
low to high transition
2.5
V
EN/EN Enable Threshold
VIL
high to low transition(Note)
0.8
V
IEN(H)
VEN= VOH(min)= 2.5V
0.01
1
µA
EN/EN Input Current
IEN(L)
VEN= VOL(max)= 1.0V
0.01
1
µA
EN/EN Input Capacitance
1
pF
VIN= 5V, IOUT=500mA
110
140
mΩ
Switch Resistance
RON
VIN= 3.3V, IOUT=500mA
130
180
mΩ
OUT Turn-On Delay
tON
RL=10Ω
0.03
ms
OUT Turn-On Rise Time
tR
RL=10Ω, CL=100µF
0.5
ms
OUT Turn-Off Delay
tOFF
RL=10Ω
1
20
µs
OUT Turn-Off Fall Time
tF
RL=10Ω
1
20
µs
OUT Leakage Current
IO(LEAK)
1
10
µA
Short Circuit Current Limit
ISHORT
Enable into load
1.0
1.4
2.0
A
Circuit Limit Threshold
Ramped load applied to enabled output
2.0
2.7
3.5
A
TJ increasing
135
°C
Overtemperature Shutdown
Threshold
OTThreshold
TJ decreasing
125
°C
VIN=5V, IL=10mA
10
25
Ω
FLG Output Resistance
RON(FLAG)
VIN=3.3V, IL=10mA
15
40
Ω
FLG Off Current
IFLAG
VFLAG=5V
0.01
1
µA
VIN=increasing
2.5
V
UVLO Threshold
VUVLO
VIN=decreasing
2.3
V
Note:For the UTC US1528, off is ≥ 2.5V and on is ≤ 0.8V. The enable input, EN has approximately 200mV of hysteresis.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com