Electronic Components Datasheet Search
  English  ▼

X  

US1528 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # US1528
Description  USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1528 Datasheet(HTML) 8 Page - Unisonic Technologies

  US1528 Datasheet HTML 1Page - Unisonic Technologies US1528 Datasheet HTML 2Page - Unisonic Technologies US1528 Datasheet HTML 3Page - Unisonic Technologies US1528 Datasheet HTML 4Page - Unisonic Technologies US1528 Datasheet HTML 5Page - Unisonic Technologies US1528 Datasheet HTML 6Page - Unisonic Technologies US1528 Datasheet HTML 7Page - Unisonic Technologies US1528 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
US1528
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-457.b
TYPICAL APPLICATION CIRCUIT
Upstream
VBUS
100mA max.
VBUS
D+
D-
GND
GND
IN
OUT
Data
1μF
3.3V LDO
10k
1μF
VIN
ON/OFF
OC
GND
VCC
5.0V
3.3V USB Controller
100k
UTC
US1528L
EN
FLG
OUT
IN
GND
0.1μF
VBUS
D+
D-
GND
USB
Port1
Ferrite
Beads
150μF
+
Data
Single-Port Self-Powered USB Hub Application
Ferrite
Beads
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com