Electronic Components Datasheet Search
  English  ▼

X  

SC8863 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC8863
Description  150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC8863 Datasheet(HTML) 7 Page - Semtech Corporation

  SC8863 Datasheet HTML 1Page - Semtech Corporation SC8863 Datasheet HTML 2Page - Semtech Corporation SC8863 Datasheet HTML 3Page - Semtech Corporation SC8863 Datasheet HTML 4Page - Semtech Corporation SC8863 Datasheet HTML 5Page - Semtech Corporation SC8863 Datasheet HTML 6Page - Semtech Corporation SC8863 Datasheet HTML 7Page - Semtech Corporation SC8863 Datasheet HTML 8Page - Semtech Corporation SC8863 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
150mA ULTRA LOW DROPOUT,
LOW NOISE REGULATOR
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC8863
March 1, 2000
7
TYPICAL CHARACTERISTICS (Cont.)
20
30
40
50
60
70
80
-50
-25
0
255075
100
125
TJ (°C)
VIN = 3.6V
Sense/Select Threshold
vs. Junction Temperature
0.01
0.1
1
10
0.1
1
10
100
f (kHz)
SC8863-2.8
VIN = 3.6V
IOUT = 50mA
TJ = 25°C
COUT = 1µF
COUT = 100µF
Output Spectral Noise Density
vs. Frequency
APPLICATIONS INFORMATION
Theory Of Operation
The SC8863 is intended for applications where very
low dropout voltage, low supply current and low output
noise are critical. It provides a very simple, low cost
solution that uses very little pcb real estate. Fixed out-
put voltage options require the use of only two external
capacitors for operation.
Each voltage option has both fixed and adjustable out-
put voltage modes. Grounding the SET pin (pulling it
below the Sense/Select threshold of 55mV) will con-
nect the internal resistor divider to the error amplifier
resulting with the internally preset output voltage. If
SET is pulled above this threshold, then the Sense/
Select switch will connect the SET pin to the error am-
plifier. The output will be regulated such that the volt-
age at SET will equal V
SET, the SET reference voltage
(typically 1.250V).
An active high enable pin (EN) is provided to allow the
customer to shut down the part and enter an extremely
low power Off-state. A logic Low signal will reduce the
supply current to 0.1nA.
Component Selection - General
Output capacitor - Semtech recommends a minimum
capacitance of 1µF at the output with an equivalent se-
ries resistance (ESR) of <1
Ω over temperature. Ce-
ramic capacitors are ideal for this application. Increas-
ing the bulk capacitance will further reduce output
noise and improve the overall transient response.
Input capacitor - Semtech recommends the use of a
1µF ceramic capacitor at the input. This allows for the
device being some distance from any bulk capacitance
on the rail. Additionally, input droop due to load tran-
sients is reduced, improving load transient response.
Component Selection - Externally Set Output
Please refer to Figure 1 below. The output voltage can
be externally adjusted anywhere within the range from
1.25V to (VIN
(MIN) - VD(MAX)). The output voltage will be
in accordance with the following equation:
1% tolerance resistors are recommended. The values
of R1 and R2 should be selected such that the current
flow through them is
≥ 10µA (thus R2 ≤ 120kΩ).
At high input voltages and/or high output currents, sta-
C2
2.2uF Ceramic
U1
SC8863
1
2
3
4
5
EN
GND
VIN
VO
SET
R1
R2
10k
C1
1uF Ceramic
Figure 1: Externally set output
 +
•
=
2
R
1
R
1
250
.
1
VO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com