Electronic Components Datasheet Search
  English  ▼

X  

SC8863 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC8863
Description  150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC8863 Datasheet(HTML) 8 Page - Semtech Corporation

  SC8863 Datasheet HTML 1Page - Semtech Corporation SC8863 Datasheet HTML 2Page - Semtech Corporation SC8863 Datasheet HTML 3Page - Semtech Corporation SC8863 Datasheet HTML 4Page - Semtech Corporation SC8863 Datasheet HTML 5Page - Semtech Corporation SC8863 Datasheet HTML 6Page - Semtech Corporation SC8863 Datasheet HTML 7Page - Semtech Corporation SC8863 Datasheet HTML 8Page - Semtech Corporation SC8863 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
150mA ULTRA LOW DROPOUT,
LOW NOISE REGULATOR
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC8863
March 1, 2000
8
bility may be improved by increasing C2 to 2.2µF and
reducing R2 to 10k
Ω. See “Component Selection -
General” for input capacitor requirements.
Thermal Considerations
The worst-case power dissipation for this part is given
by:
For all practical purposes, it can be reduced to:
Looking at a typical application:
VIN
(MAX) = 4.2V
VO = 3V - 3.5% worst-case
I
O = 150mA
T
A = 85°C
Using this figure, we can calculate the maximum ther-
mal impedance allowable to maintain T
J ≤ 150°C:
With the standard SOT-23-5 Land Pattern shown at
the end of this datasheet, and minimum trace widths,
the thermal impedance junction to ambient for SC8863
is 256°C/W. Thus with no additional heatsinking,
T
J(MAX) = 135°C.
The junction temperature can be further reduced by
the use of larger trace widths, and connecting pcb cop-
per area to the GND pin (pin 2), which connectes di-
rectly to the device substrate. Adding approximately
one square inch of pcb copper to pin 2 will reduce
θ
TH(J-A) to approximately 130°C/W and TJ(MAX) to ap-
proximately 110°C, for example. Lower junction tem-
peratures improve overall output voltage accuracy. A
sample pcb layout for the Internally Preset Output Volt-
age circuit on page 2 is shown in Figure 2 below.
Layout Considerations
While layout for linear devices is generally not as criti-
cal as for a switching application, careful attention to
detail will ensure reliable operation. See Figure 2 below
for a sample layout.
1) Attaching the part to a larger copper footprint will
enable better heat transfer from the device, especially
on PCBs where there are internal ground and power
planes.
2) Place the input and output capacitors (and the ca-
pacitor from OUT to SET for adjustable applications)
close to the device for optimal transient response and
device behaviour.
3) Connect all ground connections directly to the
ground plane. If there is no ground plane, connect to a
common local ground point before connecting to board
ground.
() ()
W
/
C
332
196
.
0
85
150
P
T
T
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
)(
A
J
(
°
=
−
=
−
=
θ
−
()
(
)
()
)
MAX
(
Q
)
MAX
(
)
MAX
(
O
MIN
MAX
)
MAX
(
D
I
VIN
I
VO
VIN
P
•
+
•
−
=
()
(
)
()
)
MAX
(
O
MIN
MAX
)
MAX
(
D
I
VO
VIN
P
•
−
=
()
mW
196
150
.
0
895
.
2
2
.
4
P
)
MAX
(
D
=
•
−
=
Top Copper
Top Silk Screen
Figure 2: Suggested pcb layout based upon internally preset output voltage application on page 2.
NOTES:
(1) All vias go to the ground plane.
(2) Copper area on pin 2 is recommended, but not required. Connect to the ground plane with a via or vias.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com