Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC337
Description  Amplifier Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337 Datasheet(HTML) 1 Page - ON Semiconductor

  BC337_09 Datasheet HTML 1Page - ON Semiconductor BC337_09 Datasheet HTML 2Page - ON Semiconductor BC337_09 Datasheet HTML 3Page - ON Semiconductor BC337_09 Datasheet HTML 4Page - ON Semiconductor BC337_09 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
June, 2009 − Rev. 7
1
Publication Order Number:
BC337/D
BC337, BC337-25,
BC337-40
Amplifier Transistors
NPN Silicon
Features
• These are Pb−Free Devices
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
45
Vdc
Collector − Base Voltage
VCBO
50
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
800
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25°C
PD
625
5.0
mW
mW/°C
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
1.5
12
W
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
COLLECTOR
1
2
BASE
3
EMITTER
MARKING DIAGRAM
BC33
7−xx
AYWW G
G
BC337−xx = Device Code
(Refer to page 4)
A
= Assembly Location
Y
= Year
WW
= Work Week
G
=Pb−Free Package
(Note: Microdot may be in either location)
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 17


Similar Part No. - BC337_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC337 UTC-BC337_09 Datasheet
117Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC337_09

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
Amplifier Transistors
May, 2004 ??Rev. 4
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
Amplifier Transistors
May, 2004 ??Rev. 4
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
Amplifier Transistors
December, 2008 ??Rev. 1
BC327-25G ONSEMI-BC327-25G Datasheet
108Kb / 5P
Amplifier Transistors
September, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com