Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC337
Description  Amplifier Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337 Datasheet(HTML) 3 Page - ON Semiconductor

  BC337_09 Datasheet HTML 1Page - ON Semiconductor BC337_09 Datasheet HTML 2Page - ON Semiconductor BC337_09 Datasheet HTML 3Page - ON Semiconductor BC337_09 Datasheet HTML 4Page - ON Semiconductor BC337_09 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC337, BC337−25, BC337−40
http://onsemi.com
3
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
1.0 s
TJ = 135°C
TA = 25°C
TC = 25°C
dc
dc
(APPLIES BELOW RATED VCEO)
1000
10
100
1.0
3.0
10
30
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 2. Active Region − Safe Operating Area
IC, COLLECTOR CURRENT (MA)
Figure 3. DC Current Gain
100
1000
10
1000
0.1
10
100
100
1.0
TJ = 135°C
100
ms
VCE = 1 V
TJ = 25°C
IB, BASE CURRENT (mA)
Figure 4. Saturation Region
IC, COLLECTOR CURRENT (mA)
Figure 5. “On” Voltages
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Temperature Coefficients
+1
IC, COLLECTOR CURRENT (mA)
Figure 7. Capacitances
0.1
1
1
10
100
1000
-2
-1
0
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
10
100
1
1.0
0.8
0.6
0.4
0.2
0
1
10
1000
100
10
100
TJ = 25°C
IC = 10 mA
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1 V
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE
Cob
Cib
100 mA
300 mA
500 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com