Electronic Components Datasheet Search
  English  ▼

X  

BC372 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC372
Description  High Voltage Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC372 Datasheet(HTML) 1 Page - ON Semiconductor

  BC372 Datasheet HTML 1Page - ON Semiconductor BC372 Datasheet HTML 2Page - ON Semiconductor BC372 Datasheet HTML 3Page - ON Semiconductor BC372 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 4
1
Publication Order Number:
BC372/D
BC372, BC373
High Voltage
Darlington Transistors
NPN Silicon
Features
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
BC372
BC373
VCEO
100
80
Vdc
Collector − Base Voltage
BC372
BC373
VCES
100
80
Vdc
Emitter−Base Voltage
VEBO
12
Vdc
Collector Current − Continuous
IC
1.0
Adc
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
625
5.0
mW
mW/
°C
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
COLLECTOR 3
BASE
2
EMITTER 1
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 1
Device
Package
Shipping†
ORDERING INFORMATION
BC372G
TO−92
(Pb−Free)
5000 Units / Bulk
BC373RL1
TO−92
2000 / Tape & Reel
BC373RL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MARKING DIAGRAM
BC
37x
AYWW
G
G
x
= 2 or 3
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - BC372

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC372 MOTOROLA-BC372 Datasheet
107Kb / 4P
High Voltage Darlington Transistors
logo
ON Semiconductor
BC372 ONSEMI-BC372 Datasheet
53Kb / 4P
High Voltage Darlington Transistors
January, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
BC372 NJSEMI-BC372 Datasheet
94Kb / 3P
High Voltage Darlington Transistors
logo
Zetex Semiconductors
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
ON Semiconductor
BC372G ONSEMI-BC372G Datasheet
53Kb / 4P
High Voltage Darlington Transistors
January, 2006 ??Rev. 3
More results

Similar Description - BC372

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC372 MOTOROLA-BC372 Datasheet
107Kb / 4P
High Voltage Darlington Transistors
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
SanRex Corporation
QCA100AA100 SANREX-QCA100AA100 Datasheet
105Kb / 2P
High power Darlington Transistors.
logo
STMicroelectronics
BU941ZP STMICROELECTRONICS-BU941ZP_05 Datasheet
496Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS
03-Feb-2005
logo
ON Semiconductor
BC372 ONSEMI-BC372 Datasheet
53Kb / 4P
High Voltage Darlington Transistors
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
Darlington Transistors
logo
STMicroelectronics
BU931 STMICROELECTRONICS-BU931_1 Datasheet
786Kb / 13P
High voltage ignition coil driver NPN power Darlington transistors
02-Dec-2009
BU941 STMICROELECTRONICS-BU941_08 Datasheet
491Kb / 12P
High voltage ignition coil driver NPN power Darlington transistors
18-Nov-2008
BU941ZP STMICROELECTRONICS-BU941ZP_08 Datasheet
486Kb / 11P
High voltage ignition coil driver NPN power Darlington transistors
22-Jan-2008
logo
New Jersey Semi-Conduct...
BC372 NJSEMI-BC372 Datasheet
94Kb / 3P
High Voltage Darlington Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com