Electronic Components Datasheet Search
  English  ▼

X  

UT8803 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT8803
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT8803 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT8803 Datasheet HTML 1Page - Unisonic Technologies UT8803 Datasheet HTML 2Page - Unisonic Technologies UT8803 Datasheet HTML 3Page - Unisonic Technologies UT8803 Datasheet HTML 4Page - Unisonic Technologies UT8803 Datasheet HTML 5Page - Unisonic Technologies UT8803 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT8803
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-094,B
FUNCTIONAL DESCRIPTION
1. The PIR amplifier (the first and second stage Op Amp) amplifies PIR signal. Its multiple can be adjust through
resistance and capacitance outside.
2. If the amplificatory PIR signal voltage is higher than VH (Typ 1.8V) or lower than VL (Typ 1.15V), the Window
Comparer
outputs high level.
3. The Pulse Width Detector detects the Window Comparer’s pulse width, if the high pulse width is more than
768*TTb, this pulse is in effect, and the RELAY or the traic is triggered. Otherwise, it is ignored.
4. When an availability PIR signal is detected, the RELAY outputs high level, and the TRAIC outputs pulse, and the
Counter
starts to count, but if a new availability PIR signal appears, the Counter restarts to count. After
245760*TTci, the RELAY and TRIAC stop output.
5. Pin CDS connect a CDS, it can control pin RELAY to keep low level in the daytime.
6. When the AC power crosses zero line, the Zero Cross Detector generates a pulse, and permits the TRIAC to be
triggered, after 32*TTb.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com