Electronic Components Datasheet Search
  English  ▼

X  

UT8803 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT8803
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT8803 Datasheet(HTML) 6 Page - Unisonic Technologies

  UT8803 Datasheet HTML 1Page - Unisonic Technologies UT8803 Datasheet HTML 2Page - Unisonic Technologies UT8803 Datasheet HTML 3Page - Unisonic Technologies UT8803 Datasheet HTML 4Page - Unisonic Technologies UT8803 Datasheet HTML 5Page - Unisonic Technologies UT8803 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UT8803
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-094,B
TYPICAL APPLICATION CIRCUIT
1.
TRIAC CONTROL
15k
47u
560k
0.047u
33n
UT8803
1
2
4
3
5
6
8
7
1
6
1
5
1
3
1
4
1
2
1
1
9
1
0
UOU1
NII1
CDS
TCI
QTEST
TB
GND
VREF
II1
RELAY
ZCD
TRIAC
II2
VDD
NII2
UOU2
820k
15k
47k
{RES2}
4.7K
33u
100u
100p
0.01u
10u
22u
0.01u
5.1V
1M
47
PIR
1M
1M
FUSE
CDS
470u
470K
330
0.47u/250V
2.
RELAY CONTROL
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com