Electronic Components Datasheet Search
  English  ▼

X  

TF202 Datasheet(PDF) 2 Page - Semtech Corporation

Part # TF202
Description  USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TF202 Datasheet(HTML) 2 Page - Semtech Corporation

  TF202 Datasheet HTML 1Page - Semtech Corporation TF202 Datasheet HTML 2Page - Semtech Corporation TF202 Datasheet HTML 3Page - Semtech Corporation TF202 Datasheet HTML 4Page - Semtech Corporation TF202 Datasheet HTML 5Page - Semtech Corporation TF202 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Objective - March 03, 2000
USB Upstream Port Filter & TVS
For EMI Filtering and ESD Protection
STF202-22
&
STF202-30
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Steady-State Power
P
100
mW
ESD Air Discharge per IEC 1000-4-2
V
PP
16
kV
ESD Contact Discharge per IEC 1000-4-2
V
PP
10
kV
Lead Soldering Temperature (10 seconds)
T
L
260
°C
Operating Temperature
T
stg
-40 to +125
°C
Storage Temperature
T
j
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (T = 25ºC Unless Otherwise Noted)
STF202-xx
Parameter
Symbol
Conditions
Minimum
Nominal
Maximum
Units
TVS Reverse Stand-Off Voltage
V
RWM
5.25
V
TVS Reverse Breakdown Voltage
V
BR
I
t = 1mA
6
V
TVS Reverse Leakage Current
I
R
V
RWM = 5.25V, T=25°C
Between V
BUS pin and
ground
5µA
TVS Reverse Leakage Current
I
R
V
RWM = 3.3V, T=25°C
Between any data
(D+, D-) pin and ground
1µA
Total TVS Junction Capacitance
C
j
Between I/O pins and
Gnd, each device
V
R = 0V, f = 1MHz
10
pF
Series Resistor (STF202-22)
R
S
Each Line
20
22
24
Ω
Series Resistor (STF202-30)
R
S
Each Line
27
30
33
Ω
Pull Up Resistor
R
UP
Each Line
1.35
1.5
1.65
k
Ω
Capacitor
C
Each Line
47
pF
Total Capacitance
C
TOT
Between I/O pins and
Gnd, each line
V
R = 0V, f = 1MHz
60
pF
Part Number Marking Code
STF202-22
222
STF202-30
230
MARKING CODES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com