Electronic Components Datasheet Search
  English  ▼

X  

TF202 Datasheet(PDF) 3 Page - Semtech Corporation

Part # TF202
Description  USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TF202 Datasheet(HTML) 3 Page - Semtech Corporation

  TF202 Datasheet HTML 1Page - Semtech Corporation TF202 Datasheet HTML 2Page - Semtech Corporation TF202 Datasheet HTML 3Page - Semtech Corporation TF202 Datasheet HTML 4Page - Semtech Corporation TF202 Datasheet HTML 5Page - Semtech Corporation TF202 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
Objective - March 03, 2000
USB Upstream Port Filter & TVS
For EMI Filtering and ESD Protection
STF202-22
&
STF202-30
TYPICAL CHARACTERISTICS
ESD Clamping (15kV Air)
ESD Clamping (8kV Contact)
Insertion Loss Characteristics
Analog Crosstalk (D+ to D-)
0.030MHz
2.0GHz
0 dB
-10 dB
-20 dB
0.030 MHz
1 GHz
0 dB
-20 dB
-60 dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com