Electronic Components Datasheet Search
  English  ▼

X  

PDMB50A6 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PDMB50A6
Description  50 A 600 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB50A6 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PDMB50A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB50A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB50A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDMB50A6 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
─ 368 ─
I
G
B
T
モ
ジ
ュ
ー
ル
項   目
Characteristic
記号
Symbol
条   件
Test Conditions
最小
Min.
単位
Unit
順電圧
Peak Forward Voltage
VF
IF=50A, VGE=0V
─
1.9
2.4
V
逆回復時間
Reverse Recovery Time
trr
IF=50A, VGE=−10V
di/dt=50A/μs
─
0.15
0.25
μs
項   目
Characteristic
記号
Symbol
条   件
Test Conditions
最小
Min.
単位
Unit
熱抵抗
Thermal Impedance
Rth
(j-c)
接合部−ケース間
Junction to Case
─
─
0.50
℃/W
IGBT
Diode
─
─
1.10
項   目
Item
記号
Symbol
定 格 値
Rated Value
単位
Unit
順電流
Forward Current
IF
50
A
IFM
100
DC
1ms
■フリーホイーリングダイオードの特性 Free Wheeling Diode Ratings & Characteristics(TC=25℃)
■熱的特性 Thermal Characteristics
最大
Max.
標準
Typ.
最大
Max.
標準
Typ.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com