Electronic Components Datasheet Search
  English  ▼

X  

MJ11021 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ11021
Description  Complementary Darlington Silicon Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ11021 Datasheet HTML 1Page - ON Semiconductor MJ11021 Datasheet HTML 2Page - ON Semiconductor MJ11021 Datasheet HTML 3Page - ON Semiconductor MJ11021 Datasheet HTML 4Page - ON Semiconductor MJ11021 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 3
1
Publication Order Number:
MJ11021/D
MJ11021(PNP)
MJ11022 (NPN)
Complementary Darlington
Silicon Power Transistors
Complementary Darlington Silicon Power Transistors are designed
for use as general purpose amplifiers, low frequency switching and
motor control applications.
Features
• High dc Current Gain @ 10 Adc − hFE = 400 Min (All Types)
• Collector−Emitter Sustaining Voltage
VCEO(sus) = 250 Vdc (Min) − MJ11022, 21
• Low Collector−Emitter Saturation
VCE(sat) = 1.0 V (Typ) @ IC = 5.0 A
= 1.8 V (Typ) @ IC = 10 A
• 100% SOA Tested @ VCE = 44 V
IC = 4.0 A
t = 250 ms
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
250
Vdc
Emitter−Base Voltage
VEBO
50
Vdc
Collector Current − Continuous
− Peak (Note 1)
IC
15
30
Adc
Base Current
IB
0.5
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25°C
PD
175
1.16
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to +175
− 65 to +200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.86
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle ≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−204 (TO−3)
CASE 1−07
STYLE 1
15 AMPERE
COMPLEMENTARY
DARLINGTON POWER
TRANSISTORS
250 VOLTS, 175 WATTS
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MJ11021
TO−3
100 Units/Tray
MJ11022
TO−3
100 Units/Tray
MJ11021G
TO−3
(Pb−Free)
100 Units/Tray
MJ11022G
TO−3
(Pb−Free)
100 Units/Tray
MARKING
DIAGRAM
MJ1102x = Device Code
x = 1 or 2
G= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
MJ1102xG
AYYWW
MEX
COLLECTOR
CASE
BASE
1
EMITTER 2
COLLECTOR
CASE
BASE
1
EMITTER 2
NPN
PNP
MJ11022
MJ11021
2
1


Similar Part No. - MJ11021

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11021 MOSPEC-MJ11021 Datasheet
206Kb / 4P
POWER TRANSISTORS(15A,150-250V,175W)
logo
Motorola, Inc
MJ11021 MOTOROLA-MJ11021 Datasheet
235Kb / 6P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11021 ONSEMI-MJ11021 Datasheet
235Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
MJ11021 ONSEMI-MJ11021 Datasheet
78Kb / 5P
Complementary Darlington Silicon Power Transistors
December, 2005 ??Rev. 2
MJ11021 ONSEMI-MJ11021 Datasheet
229Kb / 7P
Complementary Darlington Silicon Power Transistors
August, 2024 - Rev. 4
More results

Similar Description - MJ11021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com