Electronic Components Datasheet Search
  English  ▼

X  

MJD31C Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD31C
Description  Complementary Power Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD31C Datasheet(HTML) 2 Page - ON Semiconductor

  MJD31C Datasheet HTML 1Page - ON Semiconductor MJD31C Datasheet HTML 2Page - ON Semiconductor MJD31C Datasheet HTML 3Page - ON Semiconductor MJD31C Datasheet HTML 4Page - ON Semiconductor MJD31C Datasheet HTML 5Page - ON Semiconductor MJD31C Datasheet HTML 6Page - ON Semiconductor MJD31C Datasheet HTML 7Page - ON Semiconductor MJD31C Datasheet HTML 8Page - ON Semiconductor MJD31C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MJD31, MJD31C (NPN), MJD32, MJD32C (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
MJD31, MJD32
MJD31C, MJD32C
VCEO(sus)
40
100
−
−
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
MJD31, MJD32
(VCE = 60 Vdc, IB = 0)
MJD31C, MJD32C
ICEO
−
50
mAdc
Collector Cutoff Current
(VCE = Rated VCEO, VEB = 0)
ICES
−
20
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
−
1
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 1 Adc, VCE = 4 Vdc)
(IC = 3 Adc, VCE = 4 Vdc)
hFE
25
10
−
50
−
Collector−Emitter Saturation Voltage
(IC = 3 Adc, IB = 375 mAdc)
VCE(sat)
−
1.2
Vdc
Base−Emitter On Voltage
(IC = 3 Adc, VCE = 4 Vdc)
VBE(on)
−
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1 MHz)
fT
3
−
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1 kHz)
hfe
20
−
−
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
2. fT = ⎪hfe⎪• ftest.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com