Electronic Components Datasheet Search
  English  ▼

X  

MJD31C Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD31C
Description  Complementary Power Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD31C Datasheet(HTML) 3 Page - ON Semiconductor

  MJD31C Datasheet HTML 1Page - ON Semiconductor MJD31C Datasheet HTML 2Page - ON Semiconductor MJD31C Datasheet HTML 3Page - ON Semiconductor MJD31C Datasheet HTML 4Page - ON Semiconductor MJD31C Datasheet HTML 5Page - ON Semiconductor MJD31C Datasheet HTML 6Page - ON Semiconductor MJD31C Datasheet HTML 7Page - ON Semiconductor MJD31C Datasheet HTML 8Page - ON Semiconductor MJD31C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJD31, MJD31C (NPN), MJD32, MJD32C (PNP)
http://onsemi.com
3
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
Figure 2. Switching Time Test Circuit
3
0.03
IC, COLLECTOR CURRENT (AMPS)
0.03
0.05 0.07 0.1
0.2
0.5 0.7
IB1 = IB2
IC/IB = 10
ts′ = ts - 1/8 tf
TJ = 25°C
0.3
2
1
0.7
0.5
0.3
ts′
0.2
0.1
0.07
0.05
12
Figure 3. Turn−On Time
2
IC, COLLECTOR CURRENT (AMPS)
0.02
IC/IB = 10
TJ = 25°C
1
0.7
0.5
0.3
0.1
0.07
0.05
0.03
+11 V
25
ms
0
-9 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
REVERSE ALL POLARITIES FOR PNP.
0.03
0.07
0.3
3
0.1
0.7
0.05
0.5
1
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VBE(off) = 2 V
tf @ VCC = 30 V
tf @ VCC = 10 V
2.5
0
2
1.5
1
0.5
TA TC
Figure 4. Turn−Off Time
TA (SURFACE MOUNT)
TC
TYPICAL CHARACTERISTICS
t, TIME (ms)
1
0.01
1 k
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 8.33°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
SINGLE PULSE
0.01
0.7
D = 0.5
Figure 5. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.2
0.1
0.05
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com