Electronic Components Datasheet Search
  English  ▼

X  

HT72B28 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT72B28
Description  High PSRR 300mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72B28 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT72B28 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 9Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 10Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 11Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 12Page - Holtek Semiconductor Inc HT72B28 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev. 1.00
11
August 24, 2011
HT72Bxx
Reel Dimensions
)
+
*
6
6
,
SOT23-5
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
178.0±1.0
B
Reel Inner Diameter
62.0±1.0
C
Spindle Hole Diameter
13.0±0.2
D
Key Slit Width
2.50±0.25
T1
Space Between Flang
8.4+1.5/-0.0
T2
Reel Thickness
11.4+1.5/-0.0
SOT89-3
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
180.0±1.0
B
Reel Inner Diameter
62.0±1.5
C
Spindle Hole Diameter
12.75 +0.15/-0.00
D
Key Slit Width
1.9±0.15
T1
Space Between Flang
12.4 +0.2/-0.0
T2
Reel Thickness
17.0 +0.0/-0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com